Electronic Components Datasheet Search
  English  ▼

X  

ALN0892R2 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN0892R2
Description  Internally Matched LNA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0892R2 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN0892R2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
www.asb.co.kr
June 2017
plerowTM ALN0892R2
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-23.77
-22.20
34.18
2.13
0.662
20.44
34.92
80
4.6
-24.02
-21.95
34.28
2.12
0.665
20.69
35.94
86
4.7
-24.25
-21.58
34.37
2.11
0.674
20.94
35.91
91
4.8
-24.57
-21.26
34.46
2.12
0.684
21.19
36.42
97
4.9
-24.78
-21.19
34.53
2.12
0.699
21.40
36.61
102
5.0
-24.69
-21.14
34.59
2.11
0.699
21.59
36.41
108
5.1
-24.34
-21.07
34.65
2.11
0.699
21.80
36.23
113
5.2
-24.06
-21.22
34.69
2.11
0.711
21.98
35.89
118
5.3
-23.76
-21.22
34.73
2.11
0.710
22.14
35.59
123
5.4
-23.41
-21.45
34.75
2.12
0.713
22.31
35.32
127
5.5
-23.23
-21.68
34.77
2.12
0.733
22.47
35.17
132
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-22.90
-17.25
35.42
2.15
0.514
22.03
36.79
100
- 20
C
-23.48
-17.90
35.31
2.08
0.586
21.92
36.67
101
0
C
-23.81
-18.60
35.21
2.09
0.648
21.79
36.53
102
25
C
-23.35
-19.36
35.06
2.10
0.744
21.57
36.68
105
40
C
-23.01
-19.92
34.96
2.10
0.787
21.50
36.58
106
60
C
-22.68
-20.67
34.77
2.11
0.876
21.28
36.90
106
80
C
-22.22
-21.31
34.56
2.13
0.957
21.00
35.60
107
100
C
-21.94
-21.93
34.31
2.13
1.052
20.44
34.45
105
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com