Electronic Components Datasheet Search
  English  ▼

X  

ALN0892R2 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ALN0892R2
Description  Internally Matched LNA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0892R2 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ALN0892R2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
www.asb.co.kr
June 2017
plerowTM ALN0892R2
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-26.79
-22.20
34.70
1.11
0.666
20.47
33.52
80
4.6
26.31
-21.95
34.80
1.11
0.692
20.73
34.60
86
4.7
-25.83
-21.58
34.90
1.10
0.696
20.98
35.51
91
4.8
-25.41
-21.26
34.98
1.10
0.983
21.21
36.22
97
4.9
-25.03
-21.19
35.05
1.10
0.711
21.42
36.59
102
5.0
-24.69
-21.14
35.11
1.10
0.703
21.61
36.62
108
5.1
-24.34
-21.07
35.17
1.09
0.708
21.81
36.41
113
5.2
-24.06
-21.22
35.21
1.09
0.727
21.99
36.21
118
5.3
-23.76
-21.22
35.25
1.09
0.718
22.15
36.03
123
5.4
-23.41
-21.45
35.27
1.10
0.741
22.31
35.88
127
5.5
-23.23
-21.68
35.29
1.10
0.741
22.49
35.54
132
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-28.12
-17.11
35.95
1.10
0.517
22.05
36.42
100
- 20
C
-27.75
-17.92
35.84
1.10
0.588
21.98
36.77
101
0
C
-27.61
-18.64
35.74
1.10
0.654
21.77
36.47
102
25
C
-26.89
-19.31
35.58
1.12
0.746
21.66
36.72
105
40
C
-26.82
-19.92
35.49
1.12
0.792
21.55
36.57
106
60
C
-27.00
-20.58
35.31
1.12
0.881
21.31
35.87
106
80
C
-27.80
-21.23
35.00
1.13
0.965
20.98
34.36
107
100
C
-27.69
-22.02
34.85
1.13
1.054
20.43
33.88
105
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com