Electronic Components Datasheet Search
  English  ▼

X  

PCS33 Datasheet(PDF) 1 Page - Picker Components

Part # PCS33
Description  Solid State Relay?봎OSFET DC Voltage Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS33 Datasheet(HTML) 1 Page - Picker Components

  PCS33_17 Datasheet HTML 1Page - Picker Components PCS33_17 Datasheet HTML 2Page - Picker Components PCS33_17 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS33 Rev D 10/09/2017
1 of 3
Solid State Relay—MOSFET DC Voltage Output
OUTPUT PARAMETERS (Ta = 25°C)
Load Voltage Option ( V )
D30
D50
D100
D150
D200
D400
D500
50
100
40
80
20
40
80
50
10
40
10
7
12
Load Current Option ( A )
Load Voltage Range
0 - 30 VDC
0 - 50 VDC
0 - 100 VDC
0 - 150 VDC
0 - 200 VDC
0 - 400 VDC
0 - 500 VDC
Max. Load Current
Min. Load Current 0.02 A
50 A
100 A
40 A
80 A
20 A
40 A
80 A
50 A
10 A
40 A
10 A
7 A
12 A
Max. Off-State Leakage
Current
0.1 mA
0.1 mA
0.1 mA
0.1 mA
0.1 mA
0.1 mA
0.1 mA
Max. On-State Voltage Drop
0.35 V 0.35 V 0.64 V 0.64 V 1.5 V
1.5 V
1.6 V
0.6 V
1 V
1 V
2.4 V
1.9 V
1.5 V
Max. On-State Resistance
7 mΩ 3.5 mΩ 16 mΩ 8 mΩ 75 mΩ 37.5 mΩ 20 mΩ
12 mΩ
105 mΩ 35 mΩ
240 mΩ
260 mΩ 1250 mΩ
Max. Turn-On Time
1 ms
Max. Turn-Off Time
0.5 ms
Max. Surge Current (10 ms) 120 Apk 240 Apk 100 Apk 200 Apk 80 Apk 160 Apk 240 Apk 200 Apk
40 Apk 130 Apk
30 Apk
40 Apk
40 Apk
FEATURES
 Load Current: 7 to 100 A, MOSFET Output
 Load Output Range: 0—500 VDC
 DC Input: 3-32 VDC
 Panel Mount
 Dielectric Strength of 2,500 VAC
 RoHS Compliant
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
3 - 32 VDC Without Led
4 - 32 VDC With LED
Must Operate Voltage
3 VDC Without LED
4 VDC With LED
Must Release Voltage
1.0 VDC
Maximum Input Current
28 mA at 32 VDC
Maximum Reverse Protection Voltage
-32 VDC
CHARACTERISTICS
Dielectric Strength
2500 VAC, 50 Hz/60 Hz, 1 min.
( Input, Output to Base )
Insulation Resistance
1000 MΩ at 500 VDC
Vibration Resistance
10 Hz - 55 Hz 1.5 mm DA
Shock Resistance
980 m/s2
Operating Temperature
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Weight
Approximately 100 g
ORDERING INFORMATION
Example:
PCS33
-D
100
-80
L
Model: PCS33
Control Voltage: D: 3 - 32 VDC Without LED,
4 - 32 VDC With LED
Load Voltage: 30: 30 VDC; 50: 50 VDC; 100: 100 VDC;
150: 150 VDC; 200: 200 VDC; 400: 400 VDC; 500; 500 VDC
Load Current: 7: 7 A; 10: 10 A; 12: 12 A; 20: 20 A
40: 40 A; 50: 50 A: 80: 80 A; 100: 100 A
Status LED: Nil: Not Included; L: Indicator LED
Box Quantity: 100; Inner Box 2
OPTIONS (Load Current - A / Load Voltage - V)
A/V
30
50
100
150
200
400
500
7
X
10
X
X
12
X
20
X
40
X
X
X
50
X
X
80
X
X
X
100
X


Similar Part No. - PCS33_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS33 PICKER-PCS33 Datasheet
1Mb / 3P
Solid State Relay
More results

Similar Description - PCS33_17

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW214 COSMO-KAQW214 Datasheet
420Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KCP1008 COSMO-KCP1008 Datasheet
409Kb / 2P
HIgh Voltage, Solid State Relay-MOSFET Output
KAQV212A COSMO-KAQV212A Datasheet
413Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
logo
Picker Components
PCD32 PICKER-PCD32 Datasheet
342Kb / 3P
DC Output Solid State Relay
PCS32 PICKER-PCS32 Datasheet
245Kb / 2P
DC Output Solid State Relay
logo
Solid State Optronic
SMA4122 SSOUSA-SMA4122 Datasheet
222Kb / 6P
DC MOSFET Output Solid State Relay
logo
Picker Components
PCS27-DC PICKER-PCS27-DC Datasheet
241Kb / 2P
DC Output Solid State Relay
PCS32 PICKER-PCS32_17 Datasheet
1Mb / 3P
DC Output Solid State Relay
PCS52 PICKER-PCS52 Datasheet
1Mb / 3P
DC OutPut Compact Solid State Relay
logo
celduc-relais
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
DC Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com