Electronic Components Datasheet Search
  English  ▼

X  

PCS33 Datasheet(PDF) 2 Page - Picker Components

Part # PCS33
Description  Solid State Relay?봎OSFET DC Voltage Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS33 Datasheet(HTML) 2 Page - Picker Components

  PCS33_17 Datasheet HTML 1Page - Picker Components PCS33_17 Datasheet HTML 2Page - Picker Components PCS33_17 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS33 Rev D 10/09/2017
2 of 3
PRECAUTIONS
DIMENSIONS (mm)
1.
A diode is required for Inductive Loads.
2.
When choosing a SSR, note the actual load current and ambient temperature and reference the Characteristic Curves below.
3.
SSR require a adequate heat sinking or other effective cooling measures.
4.
With ambient temperature above 250C refer to the curve of Max. Load Current vs Ambient Temperature for load current derating.
5.
Apply heat-conducting silicon grease or a thermal transfer pad on the space between SSR and heat sink and screw the SCR firmly in to the heat sink to
avoid damage from overheating.
6.
Tighten the SSR terminal screws properly. Recommended screw installation torque as follows:
M4 screw mounting torque range is (0.98-1.37)N • m,
M3 screw mounting torque range is (0.56-0.98)N • m.
7.
Lose screws will damage the SSR with heat generated from connections. Also, excessive screw torque may damage relays internal components.
8.
It’s recommended to use a heat sink matched to the Current Load. With any heat sink test that the SSR base temperature does not exceed 65"C.
9.
Listed parameters are based on resistive loads. Do not use the relay beyond the described current, temperature, load or voltage limits as described in this
data sheet.
PCS33
PCS33
CHARACTERISTIC CURVES
With a PCH-I-50 Heat Sink
With a PCH-H-150 Heat Sink
Fan Air Volume ≥ 20 CFM
With a PCH-H-150 Heat
ACCESSORIES
Heat Transfer Pad
HTP100
Protective Cover
SSR100
PCH-I-50 for the 30 VDC/50 Amp and 200 VDC/10 Amp Applications
Heat Sinks
PCH-H-110 for the 400 VDC/10 Amp, 150 VDC/50 Amp, 100 VDC/20 Amp, 50 VDC/40 Amp and 30 VDC/100 Amp Application
PCH-H-150 for the 50 VDC/80 Amp, 100 VDC/40 Amp, 200 VDC/40 Amp Application
ACCESSORIES SOLD SEPERATELY
(D200-10)
(D100-40,D200-40)
(D50-80)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com