Electronic Components Datasheet Search
  English  ▼

X  

TA2069AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA2069AF
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2069AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA2069AF Datasheet HTML 4Page - Toshiba Semiconductor TA2069AF Datasheet HTML 5Page - Toshiba Semiconductor TA2069AF Datasheet HTML 6Page - Toshiba Semiconductor TA2069AF Datasheet HTML 7Page - Toshiba Semiconductor TA2069AF Datasheet HTML 8Page - Toshiba Semiconductor TA2069AF Datasheet HTML 9Page - Toshiba Semiconductor TA2069AF Datasheet HTML 10Page - Toshiba Semiconductor TA2069AF Datasheet HTML 11Page - Toshiba Semiconductor TA2069AF Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TA2069AF
2002-10-30
8
Characteristic Curves
Unless otherwise specified
VCC = 3V, Ta = 25°C, f = 1kHz
Preamplifier: Rg = 2.2kΩ, RL = 10kΩ
Power amplifier: Rg = 600Ω, RL = 16Ω, Vol = max.
Motor governor: Im = 100mA
PRE
GVO, GVC – f
Frequency f (Hz)
10
100
1k
10k
100k
100
0
20
40
60
80
Vo = −10dBV
GVO
GVC
PRE
THD – Vo
Output voltage Vo (mVrms)
10
0.01
1
10
100
1000
10000
0.03
0.1
3
1
3
f = 10kHz
f = 100kHz
f = 1kHz
PRE
CT – f
Frequency f (Hz)
10
100
1k
10k
100k
40
80
70
60
50
Vo = −10dBV
VO (DC) – VCC
Supply voltage VCC (V)
1.5
2.0
2.5
3.0
3.5
4.0
2.5
0
0.5
1.0
2.0
1.5
VREF PW OUT, PRE OUT
PRE
Vom – VCC
Supply voltage VCC (V)
0
1.5
2.0
2.5
3.0
3.5
4.0
1000
100
200
500
THD = 1 %
ICCQ, ICC – VCC
Supply voltage VCC (V)
0
0
1.5
2.0
2.5
3.0
3.5
4.0
20
5
10
15
ICCQ (PRE + PW + GVN, Vol: MIN.)
ICC (GVN: Im = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com