Electronic Components Datasheet Search
  English  ▼

X  

TA2069AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA2069AF
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2069AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA2069AF Datasheet HTML 1Page - Toshiba Semiconductor TA2069AF Datasheet HTML 2Page - Toshiba Semiconductor TA2069AF Datasheet HTML 3Page - Toshiba Semiconductor TA2069AF Datasheet HTML 4Page - Toshiba Semiconductor TA2069AF Datasheet HTML 5Page - Toshiba Semiconductor TA2069AF Datasheet HTML 6Page - Toshiba Semiconductor TA2069AF Datasheet HTML 7Page - Toshiba Semiconductor TA2069AF Datasheet HTML 8Page - Toshiba Semiconductor TA2069AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TA2069AF
2002-10-30
3
Terminal Explanation
Terminal Voltage: Typical terminal voltage at no signal with test circuit
(VCC = 3V, Ta = 25°C)
Terminal
No.
Name
Function
Internal Circuit
Terminal
Voltage (V)
1
PRE GND
The GND, except for
power drive stage and
motor governer stage.
―
0
2
INA
23
INB
Input of preamplifier
1.2
3
NFA
22
NFB
NF of preamplifier
3
2
500Ω
500Ω
RF
VREF
1.2
4
PRE OUTA
21
PRE OUTB
Output of preamplifier
VCC
4
1.2
5
PW INA
20
PW INB
Input of power amplifier
RF
VREF
5
1.2
6
VCTL
The terminal of DC
volume control
・
This terminal can be
used also for VLIM
terminal.
―
18
VLIM
The terminal of volume
limiter level control
・
This terminal can be
used also for VCTL
terminal.
VREF
VCC
VREF
6
18
―
7
OUTB
8
OUTA
9
OUTC
Output of power
amplifier
VCC
7
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com