Electronic Components Datasheet Search
  English  ▼

X  

EC9528A Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC9528A
Description  Protection IC for 1-Cell Battery Pack
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9528A Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC9528A Datasheet HTML 1Page - E-CMOS Corporation EC9528A Datasheet HTML 2Page - E-CMOS Corporation EC9528A Datasheet HTML 3Page - E-CMOS Corporation EC9528A Datasheet HTML 4Page - E-CMOS Corporation EC9528A Datasheet HTML 5Page - E-CMOS Corporation EC9528A Datasheet HTML 6Page - E-CMOS Corporation EC9528A Datasheet HTML 7Page - E-CMOS Corporation EC9528A Datasheet HTML 8Page - E-CMOS Corporation EC9528A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
EC9528A
Protection IC for 1-Cell Battery Pack
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 22
4J03N-Rev.F002
Version
Code
Version Code
Version
Code
Version Code
Version Code
Version Code
Version Code
Version
SOT-23-5
SOT-23-6
DFN-1.6X1.6-6L
SON-1.6X1.6-6L
HFA
-
HFA
10
10
HFB
-
HFB
11
11
HQA
HQA
HQA
-
13
HQB
HQB
HQB
-
14
HQC
-
HQC
12
12
NHA
NHA
NHA
-
15
NHB
NHB
NHB
-
16
ORDERING INFORMATION
EC9528A-XXX XX X
Note 1:
:
:
:Version code ( For marking)
Part Number
Package
Marking
Marking Information
EC9528A-HQAB2R
SOT23-5L
BNXXX
LLLL
EC9528A-XXXB3R
SOT23-6L
BNXXX
LLLL
1.
BN:Product code
2.
XXX:Version code(see note 1)
3.
LLLL:Lot No.
EC9528A-XXXF4R
DFN 1.6*1.6 6L
BNXX
LLLL
EC9528A-XXXF5R
SON 1.6*1.6 6L
BNXX
LLLL
1.
BN:Product code
2.
XX: Version code(see note 1)
3.
LLLL:Lot No.
B2:SOT23-5L
B3:SOT23-6L
F4:DFN 1.6*1.6 6L
F5:SON 1.6*1.6 6L
R:Tape & Reel
Version type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com