Electronic Components Datasheet Search
  English  ▼

X  

EC9528A Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC9528A
Description  Protection IC for 1-Cell Battery Pack
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9528A Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC9528A Datasheet HTML 1Page - E-CMOS Corporation EC9528A Datasheet HTML 2Page - E-CMOS Corporation EC9528A Datasheet HTML 3Page - E-CMOS Corporation EC9528A Datasheet HTML 4Page - E-CMOS Corporation EC9528A Datasheet HTML 5Page - E-CMOS Corporation EC9528A Datasheet HTML 6Page - E-CMOS Corporation EC9528A Datasheet HTML 7Page - E-CMOS Corporation EC9528A Datasheet HTML 8Page - E-CMOS Corporation EC9528A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
EC9528A
Protection IC for 1-Cell Battery Pack
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 22
4J03N-Rev.F002
Version
Code
Pack-
age
Type
Over-
charge
Detection
Voltage
VDET1
(V)
Over-
charge
Hysteres
is
Voltage
VHYS1
(V)
Over-
discharg
e
detection
voltage
VDET2
(V)
Over-
discharg
e
release
voltage
VREL2
(V)
Discharg
e
over-
current
detection
voltage
VDET3
(V)
Charge
over-
current
detection
voltage
VDET4
(V)
Load
short-
circuiting
detection
voltage
VSHORT(V
)
0V Battery
Charge
Function
Delay
Time
Table 2
HFA
B3/F4/F5
4.280
0.00
2.3
2.3
0.10
-0.1
0.5
Un-available
(1)
HFB
B3/F4/F5
4.280
0.00
2.3
2.3
0.13
-0.1
0.5
Un-available
(1)
HQA
B2/B3/F5
4.280
0.15
2.8
3.1
0.15
-0.1
0.5
Un-available
(2)
HQB
B2/B3/F5
4.280
0.15
2.8
3.1
0.10
-0.1
0.5
Un-available
(2)
HQC
B3/F4/F5
4.280
0.00
2.8
3.1
0.15
-0.1
0.5
Un-available
(1)
NHA
B2/B3/F5
4.425
0.20
2.4
2.4
0.10
-0.1
0.5
Un-available
(1)
NHB
B2/B3/F5
4.425
0.20
2.4
2.4
0.15
-0.1
0.5
Un-available
(1)
Delay time
Over-charge
delay
time
tVDET1 (S)
Over-discharge
delay time
tVDET2 (mS)
Discharge
over-current delay
time
tVDET3 (mS)
Charge
over-current delay
time
tVDET4 (mS)
Load short-circuiting
delay time
tSHORT (uS)
(1)
1.0 +/- 20%
125 +/- 20%
8.0 +/- 20%
8.0 +/- 20%
400 +/- 20%
(2)
1.2 +/- 20%
150 +/- 20%
9.0 +/- 20%
9.0 +/- 20%
300 +/- 20%
Product version code:
Table1: Detection threshold level table
Note: *: (Please check detail at below description) For Overcharge release condition:
When the battery voltage is lower than VDET1 – VHYS1 and the V- pin voltage is between charge overcurrent detection voltage (VDET4) and
short detection voltage (VSHORT), the EC9528A series would release this condition.
When the battery voltage is lower than VDET1 – VHYS1 and charger is removed, the EC9528A series can be released fromthis condition
.
Remark: Please contact our sales for the products with detection voltage value other than those specified above.
Table2: Delay Time table
Remark Please contact our sales office for the products with detection voltage value other than those specified above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com