Electronic Components Datasheet Search
  English  ▼

X  

RB501V Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # RB501V
Description  100mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

RB501V Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  RB501V Datasheet HTML 1Page - Chip Integration Technology Corporation RB501V Datasheet HTML 2Page - Chip Integration Technology Corporation RB501V Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Document ID : DS-22K2M
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
100mA Surface Mount Small Signal Diodes
RB501V
Fig. 1 Forward characteristics
REVERSE VOLTAGE : (V)
Fig. 2 Reverse characteristics
FORWARD VOLTAGE : (V)
0
10
1
5
10
15
20
25
30
35
REVERSE VOLTAGE : V
FIG.3-TYPICAL TERMINALS CAPACITANCE
100
0
40
10
20
0. 1
10m
1m
100
10
1
O
125 C
75
OC
25
OC
30
FIG.4-DERATING CURVE
O
AMBIENT TEMPERATURE, T ( C)
A
h
0
80
100
60
40
20
0
25
50
75
100
125
150
0
1000
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com