Electronic Components Datasheet Search
  English  ▼

X  

RB501V Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # RB501V
Description  100mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

RB501V Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  RB501V Datasheet HTML 1Page - Chip Integration Technology Corporation RB501V Datasheet HTML 2Page - Chip Integration Technology Corporation RB501V Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
Extremely high switching speed.
High reliability.
Low forward voltage drop .
Schottky barrier diodes encapsulated in a SOD-323 package.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
Low forward voltage and low reverse current.
Suffix "G" indicates Halogen-free part, ex.RB501VG.
100mA Surface Mount Small Signal Diodes
SOD-323
Marking code
0.03 9 (1 .00 )M ax.
0.07 1 (1 .80 )
0.06 3 (1 .60 )
0.10 6 (2 .70 )
0.09 8 (2 .50 )
• Case : Molded plastic, SOD-323
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.0002 ounce, 0.005 gram
• Epoxy:UL94-V0 rated flame retardant
RB501V
Parameter
Symbol
DC reverse voltage
Marking code
V
R
RB501V
JV
40
V
F
I
R
Forward voltage
Reverse leakage
Parameter
V
= 10V
R
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
30
mV
uA
Average rectifier forward current
I
O
Peak forward surge current
I
FSM
1000
UNIT
V
mA
100
Operation junction temperature range
Storage temperature range
T
J
T
STG
125
-40 ~ +125
OC
I = 100mA
F
550
C
J
Typical junction capacitance
V
= 10V, f = 1MHz
R
20
pF
Breakdown voltage
45
V
BV
Document ID : DS-22K2M
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C


Similar Part No. - RB501V

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
RB501V YENYO-RB501V Datasheet
311Kb / 2P
SCHOTTKY DIODES
logo
Rohm
RB501V-40 ROHM-RB501V-40 Datasheet
57Kb / 2P
Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB501V-40 TEL-RB501V-40 Datasheet
76Kb / 1P
Schottky Diodes
logo
Rohm
RB501V-40 ROHM-RB501V-40 Datasheet
165Kb / 4P
Shottky barrier diode
logo
Galaxy Semi-Conductor H...
RB501V-40 BILIN-RB501V-40 Datasheet
129Kb / 2P
Schottky Barrier Diode
More results

Similar Description - RB501V

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
logo
Chip Integration Techno...
RB500V CITC-RB500V Datasheet
146Kb / 3P
100mA Surface Mount Small Signal Diodes
RB520D CITC-RB520D Datasheet
146Kb / 3P
100mA Surface Mount Small Signal Diodes
RB520G CITC-RB520G Datasheet
146Kb / 3P
100mA Surface Mount Small Signal Diodes
RB521D CITC-RB521D Datasheet
147Kb / 3P
100mA Surface Mount Small Signal Diodes
RB521G CITC-RB521G Datasheet
148Kb / 3P
100mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com