Electronic Components Datasheet Search
  English  ▼

X  

SB2040CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # SB2040CT
Description  20A High Power Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SB2040CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  SB2040CT Datasheet HTML 1Page - Chip Integration Technology Corporation SB2040CT Datasheet HTML 2Page - Chip Integration Technology Corporation SB2040CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
SB2040CT THRU SB2065CT
20A High Power Schottky Barrier Rectifiers
Fig.1 - Forw ard Curr en t Derat ing Curve
0
25
50
75
10 0
12 5
15 0
17 5
Ambi en t Tem pe rat ure ( °C )
25 .0
20 .0
10 .0
si ng le ph ase ha lf wave 60 Hz
resi st ive or ind ucti ve loa d
3.75”( 9.5m m) lea d len gth
Perc ent of Rate d Peak Revers e Volt age ( %)
Fig. 4 - Revers e Chara cte ris ti cs
T =25°C
J
T =75°C
J
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.0 1
0.0 01
0
Fig. 2 - Max imum Non -Rep eti tive Pea k
Forw ard Surge Curr en t
200
150
100
50
0
Num be r of Cycl es at 60 Hz
1
10
10 0
8.3m S si ngle half si ne-w ave
(JE DEC Method)
T =100°C
J
15 .0
5.0
Fig. 3 - Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
100
10
1.0
0.1
SB2 06 0C T
SB2 04 0C T
Document ID : DS-11K70
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com