Electronic Components Datasheet Search
  English  ▼

X  

SB2040CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # SB2040CT
Description  20A High Power Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SB2040CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  SB2040CT Datasheet HTML 1Page - Chip Integration Technology Corporation SB2040CT Datasheet HTML 2Page - Chip Integration Technology Corporation SB2040CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
CT
•
Low power loss, high efficiency.
Suffix "G" indicates Halogen-free part, ex.SB2040
G.
• Case : JEDEC TO-220AB molded plastic body over
passivated chip
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity: Color band denotes cathode end
• Mounting Position : Any
• Weight : Approximated 2.25 gram
• Epoxy : UL94-V0 rated flame retardant.
.
.
.
.
.
SB2040CT THRU SB2065CT
20A High Power Schottky Barrier Rectifiers
I
O
I
FSM
I
R
C
J
T
STG
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 100 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+175
250
20
0.5
20
150
A
A
mA
OC/W
OC
55
R
θJA
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
Document ID : DS-11K70
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C2
Operating temperature
O
T ( C)
J
-55 ~ +150
Max.
forward voltage
O
@10A, T = 25 C
A
V (V)
F
0.70
0.55
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
31.5
42
45.5
28
Max.
repetitive peak
reverse voltage
V
(V)
RRM
45
60
65
40
Marking code
SB2045CT
SB2060CT
SB2065CT
SB2040CT
Symbol
SB2045CT
SB2060CT
SB2065CT
SB2040CT
45
60
65
40
TO-220AB
Marking code
PIN 1
PIN 3
PIN 2
0.420(10.66)
0.386(9.80)
0.155(3.94)
MAX
0.624(15.87)MAX
0.226(5.75)MIN
1
2
3
0.500(12.70)MIN
0.197(5.0)MAX
0.038(0.96)
0.020(0.50)
0.110(2.80)
0.091(2.30)
0.055(1.40)
0.043(1.10)
0.028(0.70)
0.011(0.28)
0.054(1.37)
MAX
0.115(2.92)
0.081(2.05)
0.250(6.35)
MIN


Similar Part No. - SB2040CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2040CT PANJIT-SB2040CT Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
Won-Top Electronics
SB2040CT WTE-SB2040CT Datasheet
39Kb / 3P
20A SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SB2040CT MCC-SB2040CT Datasheet
380Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Won-Top Electronics
SB2040CT WTE-SB2040CT Datasheet
49Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB2040CT PANJIT-SB2040CT Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB2040CT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
20A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
20A Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR2040CT-J LUGUANG-LGMBR2040CT-J Datasheet
1Mb / 2P
20A High Power Schottky Barrier Rectifiers
LGMBR2040FCT LUGUANG-LGMBR2040FCT Datasheet
1Mb / 2P
20A High Power Schottky Barrier Rectifiers
LGSB2040CT LUGUANG-LGSB2040CT Datasheet
1Mb / 2P
20A High Power Schottky Barrier Rectifiers
LGSB2040FCT LUGUANG-LGSB2040FCT Datasheet
2Mb / 2P
20A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
MBR2040CT CITC-MBR2040CT Datasheet
99Kb / 3P
20A High Power Schottky Barrier Rectifiers
SBF2040CT CITC-SBF2040CT Datasheet
98Kb / 3P
20A High Power Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com