Electronic Components Datasheet Search
  English  ▼

X  

VSC7146 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC7146
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC7146 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
8/28/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
G52162-0, Rev. 2.7
Figure 5: Receive Timing Waveforms
Table 4: Receive AC Characteristics
Paramete
rs
Description
Min.
Max.
Units
Conditions
T1
Data or COM_DET valid prior to
RBCN rise
1.0
2.0
—ns
Measured between the 1.4V point of
RBCN and a valid level of R[0:19] or
COM_DET. All outputs driving 10pF load.
The spec on top relects RXMODE=1 and
the bottom one reflects RXMODE=0.
T2
Data or COM_DET valid after
RBCN rise
5.0
10.0
—ns
T3
Time difference between RBC and
RBCN edges
—1
ns
TR1, TF1
RBC/RBCN rise and fall time
0.6
2.0
ns
Between VIL(max) and VIH(min), into
10pF load.
TR2, TF2
R[0:19], COM_DET rise and fall
time
0.7
2.4
ns
Between VIL(max) and VIH(min), into
10pF load.
RLAT
Latency from RX to R[0:19]
36bc+
2ns
56bc+
2ns
Bit
Clocks
When locked to valid data.
TRBC
RBC period
7.9
15.8
8.1
16.2
ns
The spec on top relects RXMODE=1 and
the bottom one reflects RXMODE=0.
DC
RBC duty cycle
40%
60%
period
TLOCK
Data acquisition lock time @
2.5Gb/s
—1250
Bit
Clocks
Tested on a sample basis. 95% probability
of lock.
RBCN
R[0:19] and
T2
Data Valid
Data Valid
T1
T3
Data Valid
COM_DET
RBC
T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com