Electronic Components Datasheet Search
  English  ▼

X  

VSC7146 Datasheet(PDF) 17 Page - Vitesse Semiconductor Corporation

Part # VSC7146
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146 Datasheet(HTML) 17 Page - Vitesse Semiconductor Corporation

Back Button VSC7146 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 19Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 17
8/28/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
G52162-0, Rev. 2.7
Package Thermal Characteristics
The VSC7146 is packaged in an 80-pin, 14mm thermally-enhanced EDQUAD with an internal heat
spreader. These packages use industry-standard EIAJ footprints, which have been enhanced to improve thermal
dissipation. The construction of the packages are as shown in Figure 11. The VSC7146 is designed to operate
with a case temperature up to 90oC. The user must guarantee that the temperature specification is not violated.
Figure 11: Package Cross Section
Table 7: Thermal Resistance
Symbol
Description
Value
Units
θ
jc
Thermal resistance from junction-to-case
2.5
oC/W
θ
ca-0
Thermal resistance from case-to-ambient, still air
35
oC/W
θ
ca-100
Thermal resistance from case-to-ambient, 100 LFPM air
29
oC/W
θ
ca-200
Thermal resistance from case-to-ambient, 200 LFPM air
26
oC/W
θ
ca-400
Thermal resistance from case-to-ambient, 400 LFPM air
22
oC/W
θ
ca-600
Thermal resistance from case-to-ambient, 600 LFPM air
19
oC/W
Lead
Die
Plastic Molding Compound
Insulator
Wire Bond
Exposed Heat Slug
Thermal Epoxy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com