Electronic Components Datasheet Search
  English  ▼

X  

VSC7146RH Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC7146RH
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146RH Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC7146RH Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 11
8/28/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
G52162-0, Rev. 2.7
DC Characteristics (Over recommended operating conditions)
Note: (1) Refer to Application Note, AN-37, for differential measurement techniques.
Parameters
Description
Min
Typ
Max
Units
Conditions
VOH
Output HIGH voltage (TTL)
2.4
——
V
IOH = −1.0 mA
VOL
Output LOW voltage (TTL)
—
—
0.5
V
IOL = +1.0 mA
∆V
OUT50
(1)
Serial output absolute voltage
differential peak-to-peak swing
(TX+/TX-)
600
1100
2000
mV
Driving a 50
Ω transmission line
(TX+ - TX-)
∆V
OUT75
(1)
Serial output absolute voltage
differential peak-to-peak swing
(TX+/TX-)
600
1100
2000
mV
Driving a 75
Ω transmission line
(TX+ - TX-)
∆V
IN
(1)
Serial input absolute voltage
differential peak-to-peak swing
(RX+/RX-)
400
—
2200
mV
(RX+ - RX-)
VIH
Input HIGH voltage (TTL)
2.0
—
5.5
V
VIL
Input LOW voltage (TTL)
0
—
0.8
V
IIH
Input HIGH current (TTL)
—
1000
µAV
IN = 2.4 V
IIL
Input LOW current (TTL)
—
—
-500
µAV
IN = 0.5 V
VDD
Supply voltage
3.14
—
3.47
V
+3.3V± 5%
PD
Power dissipation
—
1.8
2.6
W
Outputs open,
VDD = VDD max
IDD
Supply current
—
550
750
mA
Outputs open,
VDD = VDD max
ZO
Output resistance (TX)
—
50
—
Ω
ZI
Input resistance (RX)
—
50
—
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com