Electronic Components Datasheet Search
  English  ▼

X  

VSC7146RH Datasheet(PDF) 15 Page - Vitesse Semiconductor Corporation

Part # VSC7146RH
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146RH Datasheet(HTML) 15 Page - Vitesse Semiconductor Corporation

Back Button VSC7146RH Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 19Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 15
8/28/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
G52162-0, Rev. 2.7
31, 32, 33
TEST1,
TEST2,
TEST3
TEST Pins
For internal Vitesse use only.
Customers should tie TEST1, TEST2 and TEST3 to VDD.
80
TEST4
TEST Pins
For internal Vitesse use only.
Customers should tie TEST4 to VSS.
1, 13,21, 66, 69,78
VDD
Digital Power Supply, +3.3V.
46, 53
VDDT
TTL Power Supply, +3.3V.
71
VDDA
Analog Power Supply, +3.3V.
73, 76
VDDP
High-Speed Output Driver Power Supply, +3.3V
7, 25, 27, 30, 70
VSS
Digital Ground, 0V.
40, 41, 60, 61
VSST
TTL Ground, 0V.
72
VSSA
Analog Ground, 0V.
77
VSSP
High-Speed Output Driver Ground, 0V.
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com