Electronic Components Datasheet Search
  English  ▼

X  

X9C303P Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9C303P
Description  Digitally Controlled Potentiometer (XDCP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9C303P Datasheet(HTML) 3 Page - Xicor Inc.

  X9C303P Datasheet HTML 1Page - Xicor Inc. X9C303P Datasheet HTML 2Page - Xicor Inc. X9C303P Datasheet HTML 3Page - Xicor Inc. X9C303P Datasheet HTML 4Page - Xicor Inc. X9C303P Datasheet HTML 5Page - Xicor Inc. X9C303P Datasheet HTML 6Page - Xicor Inc. X9C303P Datasheet HTML 7Page - Xicor Inc. X9C303P Datasheet HTML 8Page - Xicor Inc. X9C303P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
X9C303
Characteristics subject to change without notice.
3 of 10
REV 1.1 4/27/01
www.xicor.com
PRINCIPLES OF OPERATION
There are three sections of the X9C303: the input con-
trol, counter and decode section; the nonvolatile mem-
ory; and the resistor array. The input control section
operates just like an up/down counter. The output of
this counter is decoded to turn on a single electronic
switch connecting a point on the resistor array to the
wiper output. Under the proper conditions the contents
of the counter can be stored in nonvolatile memory and
retained for future use. The resistor array is comprised
of 99 individual resistors connected in series. At either
end of the array and between each resistor is an elec-
tronic switch that transfers the potential at that point to
the wiper.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the
last position. That is, the counter does not wrap around
when clocked to either extreme.
The electronic switches on the device operate in a
“make before break” mode when the wiper changes
tap positions. If the wiper is moved several positions,
multiple taps are connected to the wiper for tIW (INC to
VW change). The RTOTAL value for the device can tem-
porarily be reduced by a significant amount if the wiper
is moved several positions.
When the device is powered-down, the last counter
position stored will be maintained in the nonvolatile
memory. When power is restored, the contents of the
memory are recalled and the counter is reset to the
value last stored.
Instructions and Programming
The INC, U/D and CS inputs control the movement of
the wiper along the resistor array. With CS set LOW the
device is selected and enabled to respond to the U/D
and INC inputs. HIGH to LOW transitions on INC will
increment or decrement (depending on the state of the
U/D input) a seven-bit counter. The output of this
counter is decoded to select one of one-hundred wiper
positions along the resistive array.
The value of the counter is stored in nonvolatile mem-
ory whenever CS transitions HIGH while the INC input
is also HIGH.
The system may select the X9C303, move the wiper,
and deselect the device without having to store the lat-
est wiper position in nonvolatile memory. The wiper
movement is performed as described above; once the
new position is reached, the system would the keep
INC LOW while taking CS HIGH. The new wiper posi-
tion would be maintained until changed by the system
or until a power-down/up cycle recalled the previously
stored data.
This would allow the system to always power-up to a
preset value stored in nonvolatile memory; then during
system operation minor adjustments could be made.
The adjustments might be based on user preference:
system parameter changes due to temperature drift,
etc...
The state of U/D may be changed while CS remains
LOW. This allows the host system to enable the device
and then move the wiper up and down until the proper
trim is attained.
MODE SELECTION
SYMBOL TABLE
CS
INC
U/D
Mode
L
H
Wiper Up
L
L
Wiper Down
H
X
Store Wiper Position
H
X
X
Standby Current
L
X
No Store, Return to Standby
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com