Electronic Components Datasheet Search
  English  ▼

X  

X9C303P Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9C303P
Description  Digitally Controlled Potentiometer (XDCP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9C303P Datasheet(HTML) 4 Page - Xicor Inc.

  X9C303P Datasheet HTML 1Page - Xicor Inc. X9C303P Datasheet HTML 2Page - Xicor Inc. X9C303P Datasheet HTML 3Page - Xicor Inc. X9C303P Datasheet HTML 4Page - Xicor Inc. X9C303P Datasheet HTML 5Page - Xicor Inc. X9C303P Datasheet HTML 6Page - Xicor Inc. X9C303P Datasheet HTML 7Page - Xicor Inc. X9C303P Datasheet HTML 8Page - Xicor Inc. X9C303P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
X9C303
Characteristics subject to change without notice.
4 of 10
REV 1.1 4/27/01
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ....................–65°C to +135°C
Storage temperature .........................–65°C to +150°C
Voltage on CS, INC, U/D and VCC
with respect to VSS..................................–1V to +7V
Voltage on VH and VL
referenced to VSS ...................................–8V to +8V
∆V = |VH–VL| X9C303 .......................................... 10V
Lead temperature (soldering, 10 seconds)...... +300°C
Wiper current ..................................................... ±1mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification)
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reli-
ability.
ANALOG CHARACTERISTICS
Electrical Characteristics
End-to-end resistance tolerance ....................... ±15%
Power rating at 25°C X9C303 ........................... 10mW
Wiper current ............................................ ±1mA Max.
Typical wiper resistance ...........................40
Ω at 1mA
Typical resistor
noise ........................ 23 nV (RMS)/÷Hz at 1kHzPHZ
Typical charge pump noise.. 20 mV (RMS) @ 2.5 MHz
Relative Variation
Relative variation is a measure of the error in step size
between taps = log (Vw(n)) – log (Vw(n-1)) = 0.045 ± 0.003
for tap n = 2 – 99
Temperature Coefficient
(–40°C to +85°C) X9C303 .......... ±400 ppm/°C Typical
Ratiometric temperature coefficient ..............±20 ppm
Wiper Adjustability
Unlimited Wiper Adjustment (Non-Store operation)
Wiper Position Store
Operations ...................100,000 Data Changes per Bit
Physical Characteristics
Marking Includes
Manufacturer’s Trademark
Resistance Value or Code
Date Code
Typical Electrical Taper
100.0%
90.0%
80.0%
70.0%
60.0%
50.0%
40.0%
30.0%
20.0%
10.0%
0.0%
Tap
R(VH–VW)
R(VW–VL)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com