Electronic Components Datasheet Search
  English  ▼

X  

AD9467 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9467
Description  Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9467 Datasheet HTML 22Page - Analog Devices AD9467 Datasheet HTML 23Page - Analog Devices AD9467 Datasheet HTML 24Page - Analog Devices AD9467 Datasheet HTML 25Page - Analog Devices AD9467 Datasheet HTML 26Page - Analog Devices AD9467 Datasheet HTML 27Page - Analog Devices AD9467 Datasheet HTML 28Page - Analog Devices AD9467 Datasheet HTML 29Page - Analog Devices AD9467 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
AD9467
Data Sheet
Rev. D | Page 24 of 32
CH1
500mV Ω
CH2
500mV Ω
CH3
500mV Ω
5.0ns/DIV
20.0GS/s
IT 25.0pt/pt
A CH2
10.0V
1
2
3
CLOCK
DCO
DATA
Figure 64. Output Timing Example in LVDS Mode (Default), AD9467-250
An example of the LVDS output using the ANSI-644 standard
(default) data eye and a time interval error (TIE) jitter histogram
with trace lengths of six inches on standard FR-4 material is shown
in Figure 65. It is the responsibility of the user to determine if
the waveforms meet the timing budget of the design.
400
0
–2
–1
0
1
2
–20
–10
0
10
TIME (ns)
300
200
100
–100
–200
–300
–400
14
0
2
4
6
8
10
12
TIME (ps)
20
30
40
Figure 65. Data Eye for LVDS Outputs in ANSI-644 Mode with 6-Inch Trace
Lengths on Standard FR-4, AD9467-250
–40
–20
0
40
60
50
TIME (ps)
45
40
35
30
25
20
15
10
5
0
20
400
0
–2
–1
0
1
2
TIME (ns)
300
200
100
–100
–200
–300
–400
Figure 66. Data Eye for LVDS Outputs in ANSI-644 Mode with 18-Inch Trace
Lengths on Standard FR-4, AD9467-250
The format of the output data is offset binary by default. An
example of the output coding format can be found in Table 8.
To change the output data format to twos complement or Gray
code, see the Memory Map section.
Table 8. Digital Output Coding
Code
(VIN+) − (VIN−), Input
Span = 2.5 V p-p (V)
Digital Output Offset Binary
(D15:D0)
65,536
+1.25
1111 1111 1111 1111
32,768
0.00
1000 0000 0000 0000
32,767
−0.000038
0111 1111 1111 1111
0
−1.25
0000 0000 0000 0000
An output clock is provided to assist in capturing data from the
AD9467. Data is clocked out of the AD9467 and must be
captured on the rising and falling edges of the DCO that supports
double data rate (DDR) capturing. See the timing diagram
shown in Figure 2 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com