Electronic Components Datasheet Search
  English  ▼

X  

AD9467 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9467
Description  Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9467 Datasheet HTML 26Page - Analog Devices AD9467 Datasheet HTML 27Page - Analog Devices AD9467 Datasheet HTML 28Page - Analog Devices AD9467 Datasheet HTML 29Page - Analog Devices AD9467 Datasheet HTML 30Page - Analog Devices AD9467 Datasheet HTML 31Page - Analog Devices AD9467 Datasheet HTML 32Page - Analog Devices AD9467 Datasheet HTML 33Page - Analog Devices AD9467 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
AD9467
Data Sheet
Rev. D | Page 28 of 32
MEMORY MAP
READING THE MEMORY MAP TABLE
Each row in the memory map register table (see Table 13) has
eight address locations. The memory map is divided into three
sections: the chip configuration register map (Address 0x00
to Address 0x02), the device index and transfer register map
(Address 0xFF), and the ADC functions register map
(Address 0x08 to Address 0x107).
The leftmost column of the memory map indicates the register
address number, and the default value is shown in the second right-
most column. The (MSB) Bit 7 column is the start of the default
hexadecimal value given. For example, Address 0x2C, the analog
input register, has a default value of 0x00, meaning Bit 7 = 0,
Bit 6 = 0, Bit 5 = 0, Bit 4 = 0, Bit 3 = 0, Bit 2 = 0, Bit 1 = 0, and
Bit 0 = 0, or 0000 0000 in binary. This setting is the default for an
ac-coupled analog input condition. By writing a 1 to Bit 2 of this
address, the internal input common-mode buffer is disabled
allowing a dc-coupled input for which the input common mode
voltage can be set externally. For more information on this and
other functions, consult the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
RESERVED LOCATIONS
Undefined memory locations should not be written to except
when writing the default values suggested in this data sheet.
Addresses that have values marked as 0 should be considered
reserved and have a 0 written into their registers during power-up.
DEFAULT VALUES
When the AD9467 comes out of a reset, critical registers are
preloaded with default values. These values are indicated in
Table 13, where an X refers to an undefined feature.
LOGIC LEVELS
An explanation of various registers follows: “Bit is set” is
synonymous with “bit is set to Logic 1” or “writing Logic 1 for
the bit.” Similarly, “clear a bit” is synonymous with “bit is set to
Logic 0” or “writing Logic 0 for the bit.”
Table 13. Memory Map Register1
Addr.
(Hex)
Parameter Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Default Notes/
Comments
Chip Configuration Register
00
chip_port_config
X
LSB first
1 = on
0 = off
(default)
Soft
reset
1 = on
0 = off
(default)
1
1
X
X
X
0x18
The nibbles
should be
mirrored so
that LSB- or
MSB-first mode
is set correctly
regardless of
shift mode.
01
chip_id
8-Bit Chip ID Bits[7:0]
(AD9467 = 0x50, default)
Read
only
Default is
unique chip ID,
different for
each device.
This is a read-
only register.
02
chip_grade
X
Child ID Bits[6:4]
(identify device variants of chip ID)
001 = 200 MSPS
010 = 250 MSPS
X
X
X
X
Read
only
Child ID used to
differentiate
graded devices.
Device Index and Transfer Register
FF
device_update
X
X
X
X
X
X
X
SW
transfer
1 = on
0 = off
(default)
0x00
Synchronously
transfers data
from the
master shift
register to the
slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com