Electronic Components Datasheet Search
  English  ▼

X  

AD9484 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9484 Datasheet HTML 2Page - Analog Devices AD9484 Datasheet HTML 3Page - Analog Devices AD9484 Datasheet HTML 4Page - Analog Devices AD9484 Datasheet HTML 5Page - Analog Devices AD9484 Datasheet HTML 6Page - Analog Devices AD9484 Datasheet HTML 7Page - Analog Devices AD9484 Datasheet HTML 8Page - Analog Devices AD9484 Datasheet HTML 9Page - Analog Devices AD9484 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AD9484
Rev. A | Page 5 of 24
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.5 V, unless otherwise noted.
Table 3.
Parameter1
Temp
Min
Typ
Max
Unit
CLOCK INPUTS
Logic Compliance
Full
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage
High Level Input (VIH)
Full
0.2
1.8
V p-p
Low Level Input (VIL)
Full
−1.8
−0.2
V p-p
High Level Input Current (IIH)
Full
−10
+10
μA
Low Level Input Current (IIL)
Full
−10
+10
μA
Input Resistance (Differential)
Full
8
10
12
kΩ
Input Capacitance
Full
4
pF
LOGIC INPUTS
Logic 1 Voltage
Full
0.8 × DRVDD
V
Logic 0 Voltage
Full
0.2 × DRVDD
V
Logic 1 Input Current (SDIO, CSB)
Full
0
μA
Logic 0 Input Current (SDIO, CSB)
Full
−60
μA
Logic 1 Input Current (SCLK, PDWN)
Full
50
μA
Logic 0 Input Current (SCLK, PDWN)
Full
0
μA
Input Capacitance
Full
4
pF
LOGIC OUTPUTS2
VOD Differential Output Voltage
Full
247
454
mV
VOS Output Offset Voltage
Full
1.125
1.375
V
Output Coding
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2 LVDS RTERMINATION = 100 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com