Electronic Components Datasheet Search
  English  ▼

X  

EC49018 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC49018
Description  1A, Single Cell Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49018 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC49018 Datasheet HTML 1Page - E-CMOS Corporation EC49018 Datasheet HTML 2Page - E-CMOS Corporation EC49018 Datasheet HTML 3Page - E-CMOS Corporation EC49018 Datasheet HTML 4Page - E-CMOS Corporation EC49018 Datasheet HTML 5Page - E-CMOS Corporation EC49018 Datasheet HTML 6Page - E-CMOS Corporation EC49018 Datasheet HTML 7Page - E-CMOS Corporation EC49018 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1A, Single Cell Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 8
3H20N Rev. P001
EC49018
Absolute Maximum Rating
Parameter
Symbol
Value
Units
Input Supply Voltage
VCC
6.5
V
BAT Voltage
VBAT
6.5
V
TEMP/CE
VTEMP
6.5
V
CHRG / STDBY
VCHRG
6.5
V
BAT Pin Current
IBAT
1500
mA
PROG Pin Current
IPROG
1500
uA
Maximum Junction Temperature
TJ
150
°C
Operating Rating
Parameter
Symbol
Value
Units
Junction Temperature
TJ
-20 to +85
°C
Storage Temperature
TSTG
-40 to +125
℃
Lead Temperature ( Soldering, 10sec)
TLED
260
℃
Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com