Electronic Components Datasheet Search
  English  ▼

X  

EC49018 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49018
Description  1A, Single Cell Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49018 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49018 Datasheet HTML 1Page - E-CMOS Corporation EC49018 Datasheet HTML 2Page - E-CMOS Corporation EC49018 Datasheet HTML 3Page - E-CMOS Corporation EC49018 Datasheet HTML 4Page - E-CMOS Corporation EC49018 Datasheet HTML 5Page - E-CMOS Corporation EC49018 Datasheet HTML 6Page - E-CMOS Corporation EC49018 Datasheet HTML 7Page - E-CMOS Corporation EC49018 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1A, Single Cell Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 8
3H20N Rev. P001
EC49018
Electrical Characteristics
VIN = 5V; TJ = 25°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Input Supply Voltage
4.0
5
6.5
V
ICC
Input Supply Current
Charge Mode, RPROG = 2K
—
146
—
µA
Standby Mode (Charge Terminated)
—
70
—
µA
Shutdown Mode(RPROG
Not Connected,
VCC < VBAT, or VCC < VUV)
—
30
—
µA
VFLOAT
Regulated Output
Voltage
IBAT = 30mA, RPROG = 10K
4.137
4.2
4.263
V
IBAT
BAT Pin Current
RPROG = 2K, Current Mode
—
560
—
mA
RPROG = 1K, Current Mode
—
1120
—
mA
Standby Mode, VBAT = 4.3V
—
+/-1
—
µA
Shutdown Mode
(RPROG Not Connected)
—
+/-1
—
µA
Sleep Mode, VCC = 0V
—
+/-1
—
µA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 2K
—
60
—
mA
VTRIKL
Trickle Charge Threshold
Voltage
RPROG = 2K, VBAT Rising
—
2.9
—
V
VTRHYS
Trickle Voltage hysteresis
Voltage
RPROG=2K
—
100
—
mV
VUV
VCC Undervoltage
Lockout Threshold
From VCC Low to High
—
3.7
—
V
VUVHYS
VCC Undervoltage
Lockout Hysteresis
—
150
—
mV
VASD
VCC – VBAT Lockout
Threshold Voltage
PROG Pin Rising
—
150
—
mV
PROG Pin Falling
—
100
—
mV
ITERM
C/10 Termination Current
Threshold
RPROG = 2K
—
60
—
mA
RPROG = 1K
—
100
—
mA
VPROG
PROG Pin Voltage
RPROG = 2k, Current Mode
—
1.0
—
V
CHRG
Pin Output Low
Voltage
CHRG
I
= 5mA
—
—
0.4
V
STDBY
V
STDBY
Pin Output Low
Voltage
STDBY
I
=5mA
—
—
0.4
V
VTEMP-H
TEMP pin voltage of the
high-end flip
—
80
—
%Vcc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com