Electronic Components Datasheet Search
  English  ▼

X  

EC49020 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC49020
Description  High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49020 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC49020 Datasheet HTML 1Page - E-CMOS Corporation EC49020 Datasheet HTML 2Page - E-CMOS Corporation EC49020 Datasheet HTML 3Page - E-CMOS Corporation EC49020 Datasheet HTML 4Page - E-CMOS Corporation EC49020 Datasheet HTML 5Page - E-CMOS Corporation EC49020 Datasheet HTML 6Page - E-CMOS Corporation EC49020 Datasheet HTML 7Page - E-CMOS Corporation EC49020 Datasheet HTML 8Page - E-CMOS Corporation EC49020 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EC49020
4D25N-Rev.P001
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 11
High Efficiency 2A 1.5MHz
Single Cell Li-ion Battery Switching Charger
TJ(OFF) Thermal Shutdown Temperature
160
°C
TJ(OFF-HYS)
Thermal Shutdown
Hysteresis
20
°C
INTERNAL PWM Driver
fsw
PWM Switching Frequency
1200
1500
1700
kHz
IOCP_HSFET Peak Current limit
Measure on High Side FET
4
A
RDS_HI
High Side MOSFET On Resistance
150
m
Ω
RDS_LO
Low Side MOSFET On Resistance
75
m
Ω
VCC REGULATOR
VCC_REG
VCC regulator voltage
VIN > 6 V,
4.0
5
5.5
V
IVCC_LIM
VCC current limit
VCC = 0 V
50
mA
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com