Electronic Components Datasheet Search
  English  ▼

X  

EC49020 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC49020
Description  High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49020 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC49020 Datasheet HTML 1Page - E-CMOS Corporation EC49020 Datasheet HTML 2Page - E-CMOS Corporation EC49020 Datasheet HTML 3Page - E-CMOS Corporation EC49020 Datasheet HTML 4Page - E-CMOS Corporation EC49020 Datasheet HTML 5Page - E-CMOS Corporation EC49020 Datasheet HTML 6Page - E-CMOS Corporation EC49020 Datasheet HTML 7Page - E-CMOS Corporation EC49020 Datasheet HTML 8Page - E-CMOS Corporation EC49020 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EC49020
4D25N-Rev.P001
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 11
High Efficiency 2A 1.5MHz
Single Cell Li-ion Battery Switching Charger
Typical Operating Circuit
Electrical Characteristics
Absolute Maximum Ratings (1)
VIN, STAT to GND .…….…………….…-0.3V~20V
Junction temperature range, TJ ………………-40°C ~155°C
BS to GND…..…………………..……… -0.3V~26V
Storage temperature range, Tstg ……………. -55°C ~155°C
SW to GND.……………………….……
-2~20V
Lead Temperature…………………..…..………260°C
VCC, ISET, TS, BAT to GND …..……… -0.3V~6V
Thermal information
Maximum Power Dissipation(TA=+25°C )…………2.4W
Thermal resistance(θJ
A) .…………………..41.3°C/W
Recommend Operating Conditions (2)
Input Voltage (VIN) ………………..… +4.5V to +6.5V
Ambient Temperature
Range ..………. -40°C to +85°C
Note (1): Stress beyond those listed under “Absolute Maximum Ratings” may damage the device.
Note (2): The device is not guaranteed to function outside the recommended operating conditions.
EC49020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com