Electronic Components Datasheet Search
  English  ▼

X  

EC49022 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC49022
Description  1A, Single Cell Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49022 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC49022 Datasheet HTML 1Page - E-CMOS Corporation EC49022 Datasheet HTML 2Page - E-CMOS Corporation EC49022 Datasheet HTML 3Page - E-CMOS Corporation EC49022 Datasheet HTML 4Page - E-CMOS Corporation EC49022 Datasheet HTML 5Page - E-CMOS Corporation EC49022 Datasheet HTML 6Page - E-CMOS Corporation EC49022 Datasheet HTML 7Page - E-CMOS Corporation EC49022 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1A, Single Cell Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 8
4J30N Rev. F001
EC49022
Electrical Characteristics
VIN = 5V; TJ = 25°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VTEMP-L
TEMP pin voltage of the low-end flip
—
45
—
%Vcc
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT - VRECHRG
—
150
—
mV
TLIM
Thermal Protection Temperature
—
145
—
°C
tSS
Soft-Start Time
IBAT = 0 to 1120V/RPROG
—
20
—
µs
tRECHARGE
Recharge Comparator Filter Time
VBAT High to Low
—
1
—
ms
tTERM
Termination Comparator Filter Time
IBAT Falling Below ICHG/10
—
1
—
ms
IPROG
PROG Pin Pull-Up Current
—
0.5
—
µA
Complete Charge Cycle (1000mAh Battery)
The EC49022 is a complete constant
–current & constant-voltage linear charger for single cell lithium-ion
batteries. Constant-current & constant - voltage to charger batter by internal MOSFET .It can deliver up to 1A of
charge current .No blocking diode or external current sense resistor is required. EC49022 include two
Open-Drain charge status Pins: Charge status indicator
and battery failure status output
.The
internal thermal regulation circuit reduces the programmed charge current if the die temperature attempts to rise
above a preset value of approximately 145℃. This feature protects the EC49022 from excessive temperature,
and allows the user to push the limits of the power handling capability of a given circuit board without risk of
damaging the EC49022 or the external components. Another benefit of adopting thermal regulation is that charge
Typical Performance Characteristics
Applications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com