Electronic Components Datasheet Search
  English  ▼

X  

EC49022 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC49022
Description  1A, Single Cell Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49022 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC49022 Datasheet HTML 1Page - E-CMOS Corporation EC49022 Datasheet HTML 2Page - E-CMOS Corporation EC49022 Datasheet HTML 3Page - E-CMOS Corporation EC49022 Datasheet HTML 4Page - E-CMOS Corporation EC49022 Datasheet HTML 5Page - E-CMOS Corporation EC49022 Datasheet HTML 6Page - E-CMOS Corporation EC49022 Datasheet HTML 7Page - E-CMOS Corporation EC49022 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1A, Single Cell Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 8
4J30N Rev. F001
EC49022
General Description
The EC49022 is a complete constant - current &
constant-voltage linear charger for single cell lithium-ion
batteries. Its SOP-8(Exposed PAD) package and low
external component count make the EC49022 ideally
suited for portable applications. In addition, the
EC49022 can work within USB and wall adapter.
No blocking diode is required because of its
internal PMOSFET architecture which is able to prevent
the negative Charge Current. Thermal feedback
regulates the charge current to limit the die temperature
during high power operation or high ambient
temperature. The charge voltage is fixed at 4.3V, and
the charge current can be programmed externally with a
single resistor. The EC49022 automatically terminates
the charge cycle when the charge current drops to
1/10th the programmed value after the final float voltage
is reached.
EC49022 Other features include battery temperature
monitor, under voltage lockout, automatic recharge and
two status pin to indicate charge termination and the
presence of an input voltage.
Features
Programmable Charge Current Up to 1000mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Complete Linear Charger in SOP-8
Package for
Single Cell Lithium-Ion Batteries
Constant-Current/Constant-Voltage
Preset 4.3V Charge Voltage with ±1% Accuracy
Automatic Recharge
Two Charge Status Output Pins
C/10 Charge Termination
2.9V Trickle Charge Threshold
Soft-Start Limits Inrush Current
Battery Temperature monitor
Applications
Cellular Telephones, PDA, MP3 Players
Charging Docks and Cradles
MP3、MP4 Player
Digital Still Cameras, Portable Devices
USB Bus-Powered Chargers, Chargers
Application Diagram


Similar Part No. - EC49022

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49020 E-CMOS-EC49020 Datasheet
711Kb / 11P
High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020BSMHR E-CMOS-EC49020BSMHR Datasheet
711Kb / 11P
High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020BSMHT E-CMOS-EC49020BSMHT Datasheet
711Kb / 11P
High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020XSMHR E-CMOS-EC49020XSMHR Datasheet
711Kb / 11P
High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020XSMHT E-CMOS-EC49020XSMHT Datasheet
711Kb / 11P
High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
More results

Similar Description - EC49022

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1 Datasheet
176Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.1 LINER-LTC1731-4.1_15 Datasheet
182Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.2 LINER-LTC1731-4.2_15 Datasheet
182Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
SHANGHAI BELLING CO., L...
BL4056 BELLING-BL4056 Datasheet
325Kb / 17P
1A Lithium Ion Battery Linear Charger
logo
E-CMOS Corporation
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
1A, Single Cell Linear Lithium Battery Charger
EC49023 E-CMOS-EC49023 Datasheet
456Kb / 9P
1A, Linear Lithium Battery Charger
logo
SHOUDING Shouding Semic...
SD8068 SHOUDING-SD8068 Datasheet
812Kb / 18P
1A Lithium Ion Battery Linear Charger
logo
Shenzhen Huazhimei Semi...
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
1A Lithium Ion Battery Linear Charger
HM4056A HMSEMI-HM4056A Datasheet
713Kb / 8P
1A linear lithium ion battery charger
logo
Guangdong Youtai Semico...
TP4056 UMW-TP4056 Datasheet
878Kb / 12P
1A linear lithium-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com