Electronic Components Datasheet Search
  English  ▼

X  

EC49023 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC49023
Description  1A, Linear Lithium Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49023 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC49023 Datasheet HTML 1Page - E-CMOS Corporation EC49023 Datasheet HTML 2Page - E-CMOS Corporation EC49023 Datasheet HTML 3Page - E-CMOS Corporation EC49023 Datasheet HTML 4Page - E-CMOS Corporation EC49023 Datasheet HTML 5Page - E-CMOS Corporation EC49023 Datasheet HTML 6Page - E-CMOS Corporation EC49023 Datasheet HTML 7Page - E-CMOS Corporation EC49023 Datasheet HTML 8Page - E-CMOS Corporation EC49023 Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1A, Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 9
4K07N Rev. F001
EC49023
Electrical Characteristics
VIN = 5V; TA = 25°C; unless otherwise specified.
Characteristics
Symbol
Conditions
Min
Typ Max
Units
工作電壓範圍
VIN
4.5
-
7
V
工作電流
IIN
Charge mode, RISET=10K
-
2000
uA
待機電流
IINstb
VIN<VUVLO
-
500
uA
休眠電流
IINsleep
EN=0 or VIN<VBAT
-
50
uA
欠壓保護電壓
VUV
VIN from low to high
3.1
3.2
3.3
V
欠壓保護遲滯
VUVHYS
-
0.4
-
V
輸出恒壓電壓
Vfloat
IBAT=40mA
4.158
4.2
4.242
V
再充電電壓
Vrcg
4
4.05
4.1
V
VBAT電流
Ibat
RPROG=2k,電流模式
465
500
535
mA
待機狀態,Vbat=4.2V
0
-2.5
-6
uA
休眠狀態
0
-1
-2
uA
涓流充電電流
Itrikl
Vbat<Vtrikl,Rprog=1k
60
100
140
mA
涓流充電閾值電壓
Vtrikl
RPROG=10K,Vbat Rising
2.8
2.9
3
V
涓流充電遲滯電壓
Vtrhys
RPROG=10K
-
0.14
-
V
輸入電阻補償電壓
VINmin
RPROG=1K,RIN=1Ω
3.6
3.7
3.8
V
充電完成電流閾值
Iterm
RPROG=1k
80
100
120
mA
電流設置端電壓
Vprog
RPROG=1k, Current mode
0.93
1
1.07
V
VCC-VBAT欠壓閾值
VBAT=4.2V,VCC rising
80
120
160
mV
VCC falling
5
30
50
mV
輸出管阻抗
-
250
-
mΩ
軟啟動時間
tSS
-
200
-
uS
再充電延遲時間
tRECHARGE
-
1.7
-
mS
充電完成延遲時間
tTERM
-
0.8
-
mS
PROG上拉電流
-
3
-
uA
指示埠低電壓
Vchrg/Vdone
I=5mA
-
0.35
0.6
V
溫度保護點
Tovp
-
130
-
℃
溫度保護遲滯
Thys
-
20
-
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com