Electronic Components Datasheet Search
  English  ▼

X  

EC49023 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC49023
Description  1A, Linear Lithium Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49023 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC49023 Datasheet HTML 1Page - E-CMOS Corporation EC49023 Datasheet HTML 2Page - E-CMOS Corporation EC49023 Datasheet HTML 3Page - E-CMOS Corporation EC49023 Datasheet HTML 4Page - E-CMOS Corporation EC49023 Datasheet HTML 5Page - E-CMOS Corporation EC49023 Datasheet HTML 6Page - E-CMOS Corporation EC49023 Datasheet HTML 7Page - E-CMOS Corporation EC49023 Datasheet HTML 8Page - E-CMOS Corporation EC49023 Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1A, Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 9
4K07N Rev. F001
EC49023
Absolute Maximum Rating(TA=25℃)
Characteristics
Rating
Unit
VIN to GND
-0.3 to 8
V
ISET TO GND
-0.3 to VIN+0.3
V
VBAT TO GND
-0.3 to 8
V
CHRG/DONE TO GND
-0.3 to 8
V
VBAT PIN CURRENT
1.5
A
ISET PIN CURRENT
1500
mA
工作環境溫度
-40 to +85
°C
存儲溫度
-65 to +125
°C
Application Circuit
SOP-8L/SOP-8L(Exposed PAD)應用線路
NC
ISET
GND
VIN
EN
CHRG
DONE
VBAT
VIN
10uF
1k
Red
Green
Li-ion



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com