Electronic Components Datasheet Search
  English  ▼

X  

EC49024 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC49024
Description  QC 2.0 Interface Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49024 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC49024 Datasheet HTML 1Page - E-CMOS Corporation EC49024 Datasheet HTML 2Page - E-CMOS Corporation EC49024 Datasheet HTML 3Page - E-CMOS Corporation EC49024 Datasheet HTML 4Page - E-CMOS Corporation EC49024 Datasheet HTML 5Page - E-CMOS Corporation EC49024 Datasheet HTML 6Page - E-CMOS Corporation EC49024 Datasheet HTML 7Page - E-CMOS Corporation EC49024 Datasheet HTML 8Page - E-CMOS Corporation EC49024 Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
QC 2.0 Interface Module
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 9
5J15N Rev. F001
EC49024
Electrical Characteristics
(Vcc=5V;Tj=25℃ unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VBP
BYPASS Pin Voltage
4
5
V
VBP(reset)
Power-Up Reset Threshold
Voltage
3.8
V
IBPSC
BYPASS Pin Source Current
VBP = 4.3 V, TJ =
25 °CN1 = N2 = N3 =
Off
140
μA
IBP(SHUNT)
BYPASS Pin Shunt Voltage
IBP=3mA
5.0
5.3
5.6
V
VR
REFERENCE Pin Voltage
1.22
1.27
1.32
V
VDAT(REF)
Data Detect Voltage
0.325
V
VSEL(REF)
Output
Voltage
Selection
Reference
2
V
VINH
12 V / 20 V Output Inhibit
Threshold
VBP-0.8
V
IDAT(SHORT)
Data
Lines
Short-Circuit
Delay
VOUT ≥ 0.8 V
18
μs
TGLITCH
D+ High Glitch Filter Time
1250
ms
TGLITCH(V) CHANGE
Output Voltage Glitch Filter
Time
32
ms
RDM(DWN)
D- Pull-Down Resistance
19.53
Ω
RDS(ON)N1
Switch N1 On-Resistance
IN1=200μA
300
Ω
RDS(ON)N2
Switch N2 On-Resistance
IN2=200μA
300
Ω
RDS(ON)N3
Switch N3 On-Resistance
IN3=200μA
300
Ω
RDS(ON)N4
Switch N4 On-Resistance
IN4=200μA
300
Ω
RDSN5
Switch N5 On-Resistance
IN1=200μA,VD+≤3.6V
40
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com