Electronic Components Datasheet Search
  English  ▼

X  

EC49024 Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC49024
Description  QC 2.0 Interface Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49024 Datasheet(HTML) 6 Page - E-CMOS Corporation

  EC49024 Datasheet HTML 1Page - E-CMOS Corporation EC49024 Datasheet HTML 2Page - E-CMOS Corporation EC49024 Datasheet HTML 3Page - E-CMOS Corporation EC49024 Datasheet HTML 4Page - E-CMOS Corporation EC49024 Datasheet HTML 5Page - E-CMOS Corporation EC49024 Datasheet HTML 6Page - E-CMOS Corporation EC49024 Datasheet HTML 7Page - E-CMOS Corporation EC49024 Datasheet HTML 8Page - E-CMOS Corporation EC49024 Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
QC 2.0 Interface Module
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 9
5J15N Rev. F001
EC49024
Typical Performance Characteristics
After connection, D+,D-input=0.6V;D+
form 0.6V rise to 3.3V,V1 On.
After connection,D+,D- input=0.6V;D+ from
0.6V rise to 3.3V,V1 on,D+ from 3.3V drop
to 0.6V ,V1/V2 On
After connection,D+,D- input=0.6V;D+
from 0.6V rise to 3.3V,V1on,D- from
0.6V rise to 3.3V,V1/V2/V3 on



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com