Electronic Components Datasheet Search
  English  ▼

X  

EC49121 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC49121
Description  600mA LDO with Fast Enable And Fast Discharge Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49121 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC49121 Datasheet HTML 1Page - E-CMOS Corporation EC49121 Datasheet HTML 2Page - E-CMOS Corporation EC49121 Datasheet HTML 3Page - E-CMOS Corporation EC49121 Datasheet HTML 4Page - E-CMOS Corporation EC49121 Datasheet HTML 5Page - E-CMOS Corporation EC49121 Datasheet HTML 6Page - E-CMOS Corporation EC49121 Datasheet HTML 7Page - E-CMOS Corporation EC49121 Datasheet HTML 8Page - E-CMOS Corporation EC49121 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EC49121
600mA LDO with Fast Enable
And Fast Discharge Function
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 13
2009/01/12-2
Pin#
SOT23-5L
Pin#
SC-70-5L
Symbol
Function
1
1
VIN
Regulator Input Pin.
2
2
GND
Ground Pin.
3
3
EN
Enable Pin.
4
4
NC/ADJ
No Connection for Fixed Voltage or ADJ
Terminal Pin for Adjustable Voltage.
5
5
VOUT
Regulator Output Pin.
Ordering Information
EC49121-XX X X X XX X X
Package Type: B2: SOT23-5L
T2: TSOT23-5L
C5: SC-70-5L
F: Lead Free
G: Green Mode
Vout Code:
18=1.8V
25=2.5V
33=3.3V
Adjustable Output
EN Pin Type Code1:
N: None Function
U: Pull High Function
D: Pull Low Function
EN Pin Type Code2
H: High Active Option Function
L: Low Active Option Function
Output voltage Accuracy: 1=
±1%, 2= ±2%
Discharge Code: F: Fast Discharge
Package
Part Number
Information
SOT23-5L
EC49121-XXNHFB21G
TSOT23-5L
EC49121-XXNHFT21G
SC-70-5L
EC49121-XXNHFC1G
The XX character represents Output Voltage. Example: 18=1.8V, 25=2.5V, 33=3.3V, Default:
Adjustable Output...
The N character represents EN Pin type code 1: Example: N: None Function, U: Pull High
Function, D: Pull Low Function
The H character represents EN Pin type code 2 Example: H: High Active Option Function,
L:Low Active Option Function
The F character represents discharge code. Example: F: Fast discharge.
The B2 or C character represents package type. Example: B2: SOT23-5L, C: SC-70-5L.
The 1 character represents Output Voltage accuracy. Example:1:±1%, 2 :±2% .
The last character” F” or “G” represents Lead Free code: Example: F: Lead Free, G: Green
mode.
Pin Assignment
Pin Descriptions
SOT23-5L/TSOT23-5L
/SC-70-5L (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com