Electronic Components Datasheet Search
  English  ▼

X  

EC49121 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49121
Description  600mA LDO with Fast Enable And Fast Discharge Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49121 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49121 Datasheet HTML 1Page - E-CMOS Corporation EC49121 Datasheet HTML 2Page - E-CMOS Corporation EC49121 Datasheet HTML 3Page - E-CMOS Corporation EC49121 Datasheet HTML 4Page - E-CMOS Corporation EC49121 Datasheet HTML 5Page - E-CMOS Corporation EC49121 Datasheet HTML 6Page - E-CMOS Corporation EC49121 Datasheet HTML 7Page - E-CMOS Corporation EC49121 Datasheet HTML 8Page - E-CMOS Corporation EC49121 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
EC49121
600mA LDO with Fast Enable
And Fast Discharge Function
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 13
2009/01/12-2
Package
Part Number
Marking
Marking Information
SOT23-5L
EC49121-XXNHFB21G
TSOT23-5L
EC49121-XXNHFT21G
SC-70-5L
EC49121-XXNHFC1G
6VFXX
The 1st character represents the products series Example: Part no:EC49121=6
The 2nd character represents the Output Voltage code. Please refer the table1
for Output Voltage Code information.
The 3rd character represents the Function code. Please refer the table2 for
Function Code information.
The XX character represents
 the Date Code.
There is an under-line on 1st digit for A type package.
There is an under-line on 5th digit for Pb-Free package.
There are two under-lines on 4th & 5th digit for Green package.
There is a top-line on 1 st digit for ±1% Output voltage accuracy.
Table1
Mark code vs. Output Voltage code
Mark
Voltage
Mark
Voltage
4
1.0V
M
3.0V
5
1.2V
N
3.1V
8
1.5V
Q
3.3V
A
1.8V
V
3.6V
G
2.5V
Z
5.0V
L
2.85V
O
Adjustable Type
Table2
Mark code vs. Function code
EN Type
EN Type
Type
Type
Type
Type
Mark
Code
Code 1
Code 2
Discharge
Mark
Code
Code 1
Code 2
Discharge
A
NHF
None
High
Fast
G
UHN
Pull High
High Active
Normal
B
NLF
None
Low
Fast
H
ULN
Pull High
Low Active
Normal
C
NHN
None
High
Normal
J
DHF
Pull Low
High Active
Fast
D
NLN
None
Low
Normal
K
DLF
Pull Low
Low Active
Fast
E
UHF
Pull
High
Fast
L
DHN
Pull Low
High Active
Normal
F
ULF
Pull
Low
Fast
M
DLN
Pull Low
Low Active
Normal
Marking Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com