Electronic Components Datasheet Search
  English  ▼

X  

1ZC13 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1ZC13
Description  TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1ZC13 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1ZC13 Datasheet HTML 1Page - Toshiba Semiconductor 1ZC13 Datasheet HTML 2Page - Toshiba Semiconductor 1ZC13 Datasheet HTML 3Page - Toshiba Semiconductor 1ZC13 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1ZC12~1ZC120
2001-06-13
1
TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
1ZC12~1ZC120
CONSTANT VOLTAGE REGULATION
TELEPHONE, PRINTER USES
l Average Power Dissipation
: P = 1.0W
l Zener Voltage
: VZ = 12~120 V
l Tolerance of Zener Voltage (VZ) : ±10%
l Plastic Mold Package
MAXIMUM RATINGS (Ta=25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
P
1.0
W
Junction Temperature
Tj
−40~150
°C
Storage Temperature Range
Tstg
−40~150
°C
MARKING
JEDEC
―
EIAJ
―
TOSHIBA
3−3F2A
Weight: 0.18g (Typ.)
Unit: mm
TENTATIVE


Similar Part No. - 1ZC13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1ZC13A TOSHIBA-1ZC13A Datasheet
150Kb / 3P
DIODE (CONSTANT VOLTAGE REGULATION)
02-Dec-1996
More results

Similar Description - 1ZC13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TVR1B TOSHIBA-TVR1B Datasheet
93Kb / 3P
TOSHIBA Fast Recovery Diode Silicon Diffused Type
TVR5B TOSHIBA-TVR5B Datasheet
94Kb / 3P
TOSHIBA Fast Recovery Diode Silicon Diffused Type
U5ZA40C TOSHIBA-U5ZA40C Datasheet
100Kb / 4P
TOSHIBA Zener Diode Silicon Diffused-Junction Type
2Z27A TOSHIBA-2Z27A Datasheet
111Kb / 3P
TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
CRZ13 TOSHIBA-CRZ13 Datasheet
121Kb / 5P
TOSHIBA Zener Diode Silicon Epitaxial Type
U5ZA27C TOSHIBA-U5ZA27C Datasheet
135Kb / 4P
TOSHIBA ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
U5ZA48C TOSHIBA-U5ZA48C Datasheet
114Kb / 3P
TOSHIBA Zener Diode Silicon Diffused-Junction Type
U5ZA53C TOSHIBA-U5ZA53C Datasheet
87Kb / 3P
Silicon Diffused-Junction Type Zener Diode
CMZB27 TOSHIBA-CMZB27 Datasheet
177Kb / 5P
TOSHIBA Zener Diode Silicon Diffused Type
logo
KEC(Korea Electronics)
Z5W27VC KEC-Z5W27VC Datasheet
342Kb / 3P
ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com