Electronic Components Datasheet Search
  English  ▼

X  

1ZC13 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 1ZC13
Description  TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1ZC13 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  1ZC13 Datasheet HTML 1Page - Toshiba Semiconductor 1ZC13 Datasheet HTML 2Page - Toshiba Semiconductor 1ZC13 Datasheet HTML 3Page - Toshiba Semiconductor 1ZC13 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1ZC12~1ZC120
2001-06-13
2
ELECTRICAL CHARACTERISTICS (Ta=25°C)
ZENER CHARACTERISTICS
FORWARD
VOLTAGE
REVERSE
CURRENT
ZENER VOLTAGE
VZ (V)
ZENER
IMPEDANCE
rd (Ω)
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
αT (mV / °C)
VF (V)
IR (µA)
TYPE
MIN.
TYP.
MAX.
MAX.
MEASURE-
MENT
CURRENT
IZ (mA)
TYP.
MAX.
MAX.
MEASURE-
MENT
CURRENT
IF (A)
MAX
MEASURE-
MENT
VOLTAGE
VR (V)
1ZC12
10.8
12
13.2
30
10
8
13
1.2
0.2
10
8.0
1ZC13
11.7
13
14.3
30
10
9
14
1.2
0.2
10
9.0
1ZC15
13.5
15
16.5
30
10
11
17
1.2
0.2
10
10.0
1ZC16
14.4
16
17.6
30
10
12
19
1.2
0.2
10
11.0
1ZC18
16.2
18
19.8
30
10
14
23
1.2
0.2
10
13.0
1ZC20
18.0
20
22.0
30
10
16
26
1.2
0.2
10
14.0
1ZC22
19.8
22
24.2
30
10
18
28
1.2
0.2
10
16.0
1ZC24
21.6
24
26.4
30
10
20
32
1.2
0.2
10
17.0
1ZC27
24.3
27
29.7
30
10
23
36
1.2
0.2
10
19.0
1ZC30
27.0
30
33.0
30
10
25
40
1.2
0.2
10
21.0
1ZC33
29.7
33
36.3
30
10
26
41
1.2
0.2
10
26.4
1ZC36
32.4
36
39.6
30
9
28
45
1.2
0.2
10
28.8
1ZC39
35.1
39
42.9
35
8
30
48
1.2
0.2
10
31.2
1ZC43
38.7
43
47.3
40
7
33
53
1.2
0.2
10
34.4
1ZC47
42.3
47
51.7
65
6
38
60
1.2
0.2
10
37.6
1ZC51
45.9
51
56.1
65
6
43
68
1.2
0.2
10
40.8
1ZC56
50.4
56
61.6
85
5
48
77
1.2
0.2
10
44.8
1ZC62
55.8
62
68.2
105
5
53
85
1.2
0.2
10
49.6
1ZC68
61.2
68
74.8
120
4
57
90
1.2
0.2
10
54.4
1ZC75
67.5
75
82.5
150
4
66
104
1.2
0.2
10
60.0
1ZC82
73.8
82
90.2
170
3
71
113
1.2
0.2
10
65.4
1ZC91
81.9
91
100.1
240
3
79
127
1.2
0.2
10
72.8
1ZC100
90.0
100
110.0
300
3
87
138
1.2
0.2
10
80.0
1ZC110
99.0
110
121.0
300
3
96
152
1.2
0.2
10
88.0
1ZC120
108.0
120
132.0
350
2.5
106
171
1.2
0.2
10
96.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com