Electronic Components Datasheet Search
  English  ▼

X  

EC733313 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC733313
Description  -30V, -8A P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC733313 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC733313 Datasheet HTML 1Page - E-CMOS Corporation EC733313 Datasheet HTML 2Page - E-CMOS Corporation EC733313 Datasheet HTML 3Page - E-CMOS Corporation EC733313 Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EC733313
-30V、
、
、
、-8A P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 4
4K25N-Rev.F001
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250µA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
-1
uA
Gate-Body Leakage Current
IGSS
VGS=±25V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250µA
-1.7
-2.2
-3
V
VGS=-4.5V, ID=-7A
13
17
m
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-9A
11
14
m
Forward Transconductance
gFS
VDS=-5V,ID=-10A
18
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
1500
PF
Output Capacitance
Coss
300
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
182
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
12
nS
Turn-on Rise Time
tr
11
nS
Turn-Off Delay Time
td(off)
25
nS
Turn-Off Fall Time
tf
VDS=-15V,VGS=-10V,
RGEN=3
ID=1A
10
nS
Total Gate Charge
Qg
22
nC
Gate-Source Charge
Qgs
7
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-10A,
VGS=-10V
4.5
nC
Body Diode Reverse Recovery Time
Trr
29
nS
Body Diode Reverse Recovery Charge
Qrr
IF=-10A, dI/dt=100A/µs
15
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-1A
-0.74
-1
V
Electrical Characteristics (TA=25℃
℃
℃
℃ unless otherwise noted)
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on 1in2 FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com