Electronic Components Datasheet Search
  English  ▼

X  

EC733313 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC733313
Description  -30V, -8A P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC733313 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC733313 Datasheet HTML 1Page - E-CMOS Corporation EC733313 Datasheet HTML 2Page - E-CMOS Corporation EC733313 Datasheet HTML 3Page - E-CMOS Corporation EC733313 Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EC733313
-30V、
、
、
、-8A P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 4
4K25N-Rev.F001
Typical electrical and thermal characteristics
Ordering and Marking Information
EC733313 X X
F=
=
=
=DFN3*3 8L
R:
:
:
:Tape & Reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com