Electronic Components Datasheet Search
  English  ▼

X  

3283 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3283
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3283 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3283 Datasheet HTML 1Page - Allegro MicroSystems 3283 Datasheet HTML 2Page - Allegro MicroSystems 3283 Datasheet HTML 3Page - Allegro MicroSystems 3283 Datasheet HTML 4Page - Allegro MicroSystems 3283 Datasheet HTML 5Page - Allegro MicroSystems 3283 Datasheet HTML 6Page - Allegro MicroSystems 3283 Datasheet HTML 7Page - Allegro MicroSystems 3283 Datasheet HTML 8Page - Allegro MicroSystems 3283 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
The A3280--, A3281--, and A3283-- Hall-effect latches are ex-
tremely temperature-stable and stress-resistant sensors especially suited
for operation over extended temperature ranges to +150
°C. Superior
high-temperature performance is made possible through dynamic offset
cancellation, which reduces the residual offset voltage normally caused
by device overmolding, temperature dependencies, and thermal stress.
The three devices are identical except for magnetic switch points.
Each device includes on a single silicon chip a voltage regulator,
Hall-voltage generator, small-signal amplifier, chopper stabilization,
Schmitt trigger, and a short-circuit protected open-collector output to
sink up to 25 mA. A south pole of sufficient strength will turn the
output on. A north pole is necessary to turn the output off. An on-board
regulator permits operation with supply voltages of 4.2 to 24 volts.
The first character of the part number suffix determines the device
operating temperature range; suffix ‘E–’ is for -40
°C to +85°C and
‘L–’ is -40
°C to +150°C. Three package styles provide a magnetically
optimized package for most applications. Suffix ‘–LH’ is a miniature
SOT23W low-profile surface-mount package, ‘–LT’ is a miniature
SOT89/TO-243AA transistor package for surface-mount applications;
while suffix ‘–UA’ is a three-lead ultra-mini-SIP for through-hole
mounting.
FEATURES
s Symmetrical Switch Points
s Resistant to Physical Stress
s Superior Temperature Stability
s Output Short-Circuit Protection
s Operation From Unregulated Supply
s Reverse Battery Protection
s Solid-State Reliability
s Small Size
3280, 3281,
AND
3283
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Supply Voltage, VCC ........................ 26.5 V
Reverse Battery Voltage, VRCC .......... -30 V
Magnetic Flux Density, B ........... Unlimited
Output Off Voltage, VOUT ................... 26 V
Continuous Output Current,
IOUT .......................................... 25 mA*
Reverse Output Current, IOUT ........ -50 mA
Package Power Dissipation, PD. See Graph
Junction Temperature, TJ ............... +165°C
Operating Temperature Range, TA
Suffix ‘E–’ .................. -40
°C to +85°C
Suffix ‘L–’ ................ -40
°C to +150°C
Storage Temperature Range,
TS .............................. -65°C to +170°C
*Internal current limiting is intended to protect
the device from output short circuits.
Pinning is shown viewed from branded side.
Always order by complete part number: the prefix ‘A’ + the basic four-
digit part number + a suffix to indicate operating temperature range +
a suffix to indicate package style, e.g., A3281ELH .
CHOPPER-STABILIZED, PRECISION
HALL-EFFECT LATCHES
Dwg. PH-003-2
1
V
CC
3
2
PTCT
Suffix '–LT' & '–UA' Pinning
(SOT89/TO-243AA & ultra-mini SIP)


Similar Part No. - 3283

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3283 ALLEGRO-3283 Datasheet
197Kb / 12P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
3283 ALLEGRO-3283 Datasheet
343Kb / 12P
CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
logo
ASM GmbH
3283 ASM-SENSOR-3283 Datasheet
303Kb / 2P
CLAMP ON LEAK HiTESTER
logo
Pomona Electronics
3283 POMONA-3283 Datasheet
25Kb / 1P
Adapter BNC Female To Female
logo
KR Electronics, Inc.
3283 KR-3283 Datasheet
58Kb / 3P
KR Electronics part number 3283 is a 500 MHz Bandpass filter
More results

Similar Description - 3283

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
3280 ALLEGRO-3280_03 Datasheet
343Kb / 12P
CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
Chopper Stabilized Precision Hall Effect Switches
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
Chopper Stabilized Precision Hall Effect Latches
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
Chopper Stabilized, Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
Chopper Stabilized Precision Hall Effect Latches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
Chopper-Stabilized, Precision Hall-Effect Switch
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
Chopper-Stabilized, Precision Hall-Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
Chopper-Stabilized Precision Hall-Effect Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com