Electronic Components Datasheet Search
  English  ▼

X  

3283 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3283
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3283 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3283 Datasheet HTML 1Page - Allegro MicroSystems 3283 Datasheet HTML 2Page - Allegro MicroSystems 3283 Datasheet HTML 3Page - Allegro MicroSystems 3283 Datasheet HTML 4Page - Allegro MicroSystems 3283 Datasheet HTML 5Page - Allegro MicroSystems 3283 Datasheet HTML 6Page - Allegro MicroSystems 3283 Datasheet HTML 7Page - Allegro MicroSystems 3283 Datasheet HTML 8Page - Allegro MicroSystems 3283 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3280, 3281, AND 3283
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT LATCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
TYPICAL OPERATING CHARACTERISTICS
as a function of temperature
0
50
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-026-3
0
10
OPERATE POINT
150
-25
25
75
125
20
30
40
50
-50
-40
-30
-20
-10
VCC = 4.5 V
VCC = 24 V
RELEASE POINT
0
50
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-026-4
0
20
OPERATE POINT
150
-25
25
75
125
40
60
80
100
-100
-80
-60
-40
-20
VCC = 4.5 V to 24 V
RELEASE POINT
* Complete part number includes a suffix denoting operating temperature range (E or L) and package type (LH, LT, or UA).
A3283* SWITCH POINTS
A3280* SWITCH POINTS
A3281* SWITCH POINTS
0
50
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-026-6
0
40
OPERATE POINT
150
-25
25
75
125
80
120
160
200
-200
-160
-120
-80
-40
VCC = 4.5 V
VCC = 24 V
RELEASE POINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com