Electronic Components Datasheet Search
  English  ▼

X  

ACA2402 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ACA2402
Description  750/870 MHz CATV Push-Pull Line Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2402 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ACA2402 Datasheet HTML 1Page - ANADIGICS, Inc ACA2402 Datasheet HTML 2Page - ANADIGICS, Inc ACA2402 Datasheet HTML 3Page - ANADIGICS, Inc ACA2402 Datasheet HTML 4Page - ANADIGICS, Inc ACA2402 Datasheet HTML 5Page - ANADIGICS, Inc ACA2402 Datasheet HTML 6Page - ANADIGICS, Inc ACA2402 Datasheet HTML 7Page - ANADIGICS, Inc ACA2402 Datasheet HTML 8Page - ANADIGICS, Inc ACA2402 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PRELIMINARY DATA SHEET - Rev 1.2
11/2002
3
ACA2402
Table 2: Absolute Mimimum and Maximum Ratings
ELECTRICAL CHARACTERISTICS
Stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these conditions.
Exposure to absolute ratings for extended periods of time may
adversely affect reliability.
Table 3: Operating Ranges
Notes:
1. Pins 2, 4, 5 and 7 should be AC-coupled. No external DC bias should
be applied.
2. Pin 6 should be AC-grounded and/or pulled to ground through a resistor
for current control. No external DC bias should be applied.
3. Pins 11 and 14 are bias feeds for input amplifiers 1A and 1B. No
external DC bias should be applied.
4. Pins 10 and 15 receive DC bias directly from pins 11 and 14. No other
external bias should be applied.
The device may be operated safely over these conditions; however, parametric
performance is guaranteed only over the conditions defined in the electrical
specifications.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
)
3
1
,
2
1
s
n
i
p
(
y
l
p
p
u
S0
8
2
+C
D
V
)
5
,
4
s
n
i
p
(
s
t
u
p
n
I
t
a
r
e
w
o
P
F
R-
5
7
+V
m
B
d
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
6
-0
5
1
+C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S-
0
6
2
+C
°
e
m
i
T
g
n
ir
e
d
l
o
S-
0
.
5c
e
S
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
V
:
y
l
p
p
u
S
DD
)
3
1
,
2
1
s
n
i
p
(-
4
2
+-
C
D
V
y
c
n
e
u
q
e
r
F
F
R0
4-
0
7
8z
H
M
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C0
4
--
0
1
1
+C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com