Electronic Components Datasheet Search
  English  ▼

X  

ACA2402 Datasheet(PDF) 11 Page - ANADIGICS, Inc

Part # ACA2402
Description  750/870 MHz CATV Push-Pull Line Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2402 Datasheet(HTML) 11 Page - ANADIGICS, Inc

Back Button ACA2402 Datasheet HTML 7Page - ANADIGICS, Inc ACA2402 Datasheet HTML 8Page - ANADIGICS, Inc ACA2402 Datasheet HTML 9Page - ANADIGICS, Inc ACA2402 Datasheet HTML 10Page - ANADIGICS, Inc ACA2402 Datasheet HTML 11Page - ANADIGICS, Inc ACA2402 Datasheet HTML 12Page - ANADIGICS, Inc ACA2402 Datasheet HTML 13Page - ANADIGICS, Inc ACA2402 Datasheet HTML 14Page - ANADIGICS, Inc ACA2402 Datasheet HTML 15Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PRELIMINARY DATA SHEET - Rev 1.2
11/2002
11
ACA2402
Table 5: Evaluation Board Parts List
Notes:
(1) N connector center pin should be approximately 80 mils in length.
(2) T1, T2 balun: 6.5 turns thru, as shown in Figure 18.
(3) 200 mA minimum current rating.
Figure 18: Balun Drawing
F
E
R
N
O
I
T
P
I
R
C
S
E
D
Y
T
Q
R
O
D
N
E
V
N
/
P
R
O
D
N
E
V
,
7
C
,
6
C
,
3
C
,
2
C
,
1
C
4
1
C
,
0
1
C
P
A
C
P
I
H
C
F
u
1
0
.
07
A
T
A
R
U
MV
0
5
K
3
0
1
R
7
X
9
3
M
R
G
9
C
,
8
C
,
5
C
,
4
CP
A
C
P
I
H
C
F
p
0
7
44
A
T
A
R
U
MV
0
5
K
1
7
4
R
7
X
9
3
M
R
G
1
1
CP
A
C
P
I
H
C
F
p
5
.
01
A
T
A
R
U
M0
5
C
5
R
0
G
O
C
6
3
M
R
G
5
1
C7
4F
uP
A
C
.
T
C
E
L
E1
P
R
O
C
Y
E
K
-I
G
I
DD
N
-
5
7
2
5
P
3
1
C
,
2
1
C2
R
,
1
R
,D
E
S
U
T
O
N
3
RK
8
1
Ω
R
O
T
S
I
S
E
R1
P
R
O
C
Y
E
K
-I
G
I
DD
N
-
T
C
G
K
8
1
P
S
V
T0
0
6
T
L
O
V
4
2
S
V
T
T
T
A
W
1P
R
O
C
Y
E
K
-I
G
I
DD
N
-
T
C
C
C
A
4
2
J
B
M
S
1
L4
L
,
3
L
,
2
L
,
)
3
(
R
O
T
C
U
D
N
I
H
n
0
8
64
T
F
A
R
C
L
I
O
CC
B
K
X
1
8
6
-
S
C
8
0
0
1
R
O
T
C
E
N
N
O
C
)
1
(
5
7
Ω
L
E
N
A
P
E
L
A
M
N
T
N
U
O
M
2K
C
A
N
R
E
T
S
A
P
S
E
S
I
R
P
R
E
T
N
E
4
0
5
4
E
P
2
T
,
1
T
)
2
(
)
N
U
L
A
B
(
Fe
r
o
C
e
ti
r
r
e2
E
T
I
R
-
R
I
A
F2
0
7
2
0
0
3
4
8
2
e
r
i
W.
D
N
I
E
R
I
W
S
W
M0
2
-
9
2
4
1
6
3
2
-
T
Pd
e
t
n
ird
r
a
o
B
ti
u
c
r
i
C1
D
R
A
D
N
A
T
S
C
N
I
.
C
R
I
C
D
E
T
N
I
R
P
0
5
C
A
1
X
V
4
2
M
U
I
D
N
I0
0
3X
S
L
I
M
0
6
11
F
O
P
R
O
C
M
U
I
D
N
I
A
C
I
R
E
M
A
Y
6
9
9
4
1
Keep leads twisted
Wrap-around metal
at corners
-or-
vias
Metalized traces on P.C.B.
Pin #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com