Electronic Components Datasheet Search
  English  ▼

X  

AD7910 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7910
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7910 Datasheet HTML 10Page - Analog Devices AD7910 Datasheet HTML 11Page - Analog Devices AD7910 Datasheet HTML 12Page - Analog Devices AD7910 Datasheet HTML 13Page - Analog Devices AD7910 Datasheet HTML 14Page - Analog Devices AD7910 Datasheet HTML 15Page - Analog Devices AD7910 Datasheet HTML 16Page - Analog Devices AD7910 Datasheet HTML 17Page - Analog Devices AD7910 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. B
–14–
AD7910/AD7920
the first SCLK edge the part receives after the falling edge of
CS. This is shown as point A in Figure 11. Although at any
SCLK frequency one dummy cycle is sufficient to power up the
device and acquire VIN, it does not necessarily mean that a full
dummy cycle of 16 SCLKs must always elapse to power up the
device and fully acquire VIN; 1 s will be sufficient to power the
device up and acquire the input signal. So, if a 5 MHz SCLK
frequency is applied to the ADC, the cycle time will be 3.2 s.
In one dummy cycle, 3.2 s, the part will be powered up and
VIN fully acquired. However, after 1
ms with a 5 MHz SCLK,
only five SCLK cycles will have elapsed. At this stage, the ADC
will be fully powered up and the signal acquired. In this case, the
CS can be brought high after the 10th SCLK falling edge and
brought low again after a time, tQUIET, to initiate the conversion.
When power supplies are first applied to the AD7910/AD7920,
the ADC may power up in either power down mode or in normal
mode. Because of this, it is best to allow a dummy cycle to elapse
to ensure the part is fully powered up before attempting a valid
conversion. Likewise, if the intention is to keep the part in
power-down mode while not in use and the user wishes the part
to power up in power-down mode, the dummy cycle may be
used to ensure the device is in power-down by executing a cycle
such as that shown in Figure 10. Once supplies are applied to
the AD7910/AD7920, the power-up time is the same as that
when powering up from power-down mode. It takes approximately
1
s to power up fully if the part powers up in normal mode. It
is not necessary to wait 1
ms before executing a dummy cycle to
ensure the desired mode of operation. Instead, the dummy
cycle can occur directly after power is supplied to the ADC. If the
first valid conversion is performed directly after the dummy
conversion, care must be taken to ensure that adequate acquisi-
tion time is allowed. As mentioned earlier, when powering up
from the power-down mode, the part will return to track upon
the first SCLK edge applied after the falling edge of
CS. How-
ever when the ADC powers up initially after supplies are
applied, the track-and-hold will already be in track. This means,
assuming one has the facility to monitor the ADC supply cur-
rent, if the ADC powers up in the desired mode of operation and
thus a dummy cycle is not required to change mode, neither is a
dummy cycle required to place the track-and-hold into track.
POWER VS. THROUGHPUT RATE
By using the power-down mode on the AD7910/AD7920 when
not converting, the average power consumption of the ADC
decreases at lower throughput rates. Figure 12 shows how, as
the throughput rate is reduced, the device remains in its power-
down state longer and the average power consumption over
time drops accordingly.
For example, if the AD7910/AD7920 is operated in a continuous
sampling mode with a throughput rate of 100 kSPS and an SCLK
of 5 MHz (VDD = 5 V), and the device is placed in the power-
down mode between conversions, the power consumption is
calculated as follows:
The power dissipation during normal mode is 15 mW (VDD = 5 V).
The power dissipation includes the power dissipated while the part
is entering power-down mode, the power dissipated during the
dummy conversion (when the part is exiting power-down mode
and powering up), and the power dissipated during conversion.
As mentioned in the power-down mode section, to enter power-
down mode,
CS has to be brought high anywhere between the
second and 10th SCLK falling edge. Therefore, the power con-
sumption when entering power-down mode will vary depending
on the number of SCLK cycles used. In this example, five SCLK
cycles will be used to enter power-down mode. This gives a time
period of 5
(1/fSCLK) = 1 s.
The power-up time is 1
s, which implies that only five SCLK
cycles are required to power up the part. However,
CS has to
remain low until at least the 10th SCLK falling edge when
exiting power-down mode. This means that a minimum of nine
SCLK cycles have to be used to exit power-down mode and
power up the part.
So, if nine SCLK cycles are used, the time to power up the part
and exit power-down mode is 9
(1/fSCLK) = 1.8 s.
Finally, the conversion time is 16
(1/fSCLK) = 3.2 s.
Therefore, the AD7910/AD7920 can be said to dissipate 15 mW
for 3.2 s + 1.8 s + 1 s = 6 s during each conversion cycle. If
the throughput rate is 100 kSPS, the cycle time is 10 s and the
average power dissipated during each cycle is (6/10)
(15 mW) =
9 mW. The power dissipation when the part is in power-down has
not been taken into account as the shutdown current is so low and
it does not have any effect on the overall power dissipation value.
If VDD = 3 V, SCLK = 5 MHz and the device is again in power-
down mode between conversions, the power dissipation during
normal operation is 4.2 mW. Assuming the same timing condi-
tions as before, the AD7910/AD7920 can now be said to
dissipate 4.2 mW for 6
ms during each conversion cycle. With a
throughput rate of 100 kSPS, the average power dissipated during
each cycle is (6/10)
(4.2 mW) = 2.52 mW. Figure 12 shows the
power versus throughput rate when using the power-down mode
between conversions with both 5 V and 3 V supplies.
Power-down mode is intended for use with throughput rates of
approximately 160 kSPS and under, because at higher sampling
rates there is no power saving made by using the power-down mode.
THROUGHPUT RATE (kSPS)
100
0.1
0
10
1
0.01
20
VDD = 5V, SCLK = 5MHz
VDD = 3V, SCLK = 5MHz
40
60
80
100
120
140
160
180
Figure 12. Power vs. Throughput Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com