Electronic Components Datasheet Search
  English  ▼

X  

79D05 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 79D05
Description  Voltage Regulator in a TO-252 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

79D05 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  79D05 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 79D05 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 79D05 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 79D05 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 79D05 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 79D05 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
79D05
Rev.F Aug.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-252
塑封封装电压调整器。Voltage Regulator in a TO-252 Plastic Package.
三端稳压调整器,输出电流高达 1.0A,内设过热保护和短路限制。
3-Terminal regulators ,output current up to 1.0A, internal thermal overload protection and short-circuit
limiting.
电压调整器。
Voltage Regulator.
内部等效电路/应用电路 / Equivalent Circuit or Application Circuit
PIN1
:GND
PIN 2
:IN
PIN 3
:OUT
印章代码 / Marking
见印章说明。See Marking Instructions
描述 / Descriptions
特征 / Features
用途 / Applications
引脚排列 / Pinning
1
3
2
4


Similar Part No. - 79D05

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
79D05A UTC-79D05A Datasheet
295Kb / 9P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79D05AA UTC-79D05AA Datasheet
196Kb / 4P
3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
79D05AAG-TM3-T UTC-79D05AAG-TM3-T Datasheet
196Kb / 4P
3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
79D05AAG-TN3-R UTC-79D05AAG-TN3-R Datasheet
196Kb / 4P
3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
79D05AAG-TN3-T UTC-79D05AAG-TN3-T Datasheet
196Kb / 4P
3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - 79D05

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
78D09 FOSHAN-78D09 Datasheet
1Mb / 6P
Voltage Regulator in a TO-252 Plastic Package
78D10 FOSHAN-78D10 Datasheet
1Mb / 6P
Voltage Regulator in a TO-252 Plastic Package
78D12 FOSHAN-78D12 Datasheet
1Mb / 6P
Voltage Regulator in a TO-252 Plastic Package
78M05 FOSHAN-78M05 Datasheet
771Kb / 6P
Voltage Regulator in a TO-252 Plastic Package
78M05D FOSHAN-78M05D Datasheet
771Kb / 6P
Voltage Regulator in a TO-252 Plastic Package
78M08 FOSHAN-78M08 Datasheet
771Kb / 6P
Voltage Regulator in a TO-252 Plastic Package
78M12 FOSHAN-78M12 Datasheet
786Kb / 6P
Voltage Regulator in a TO-252 Plastic Package
78D05 FOSHAN-78D05 Datasheet
1Mb / 6P
Voltage Regulator in a TO-252 Plastic Package
78D06 FOSHAN-78D06 Datasheet
1Mb / 6P
Voltage Regulator in a TO-252 Plastic Package.
78D08 FOSHAN-78D08 Datasheet
1Mb / 6P
Voltage Regulator in a TO-252 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com