Electronic Components Datasheet Search
  English  ▼

X  

79D05 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 79D05
Description  Voltage Regulator in a TO-252 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

79D05 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  79D05 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 79D05 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 79D05 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 79D05 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 79D05 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 79D05 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
79D05
Rev.F Aug.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Input Voltage Difference
VI
-35
V
Junction-to-Ambient
RθJA
65
℃
/W
Junction-to-Case
RθJC
5
℃
/W
Operating Temperature Range
TOPR
0~+125
℃
Storage temperature range
Tstg
-65~+150
℃

参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Line regulation
VO
Tj=25℃
-4.8
-5.0
-5.2
V
Vi=8 to 20V,
Io=-5mA to -1A,Po≤15W
-4.75
-5.0
-5.25
Load Regulation
△
Vo
Tj=25℃
Io=5mA to 1.5A
100
mV
Tj=25℃
Io=250mA to 750mA
50
Load Regulation
△
Vo
Tj=25℃
Vi=-7V to -25V
100
mV
Tj=25℃
Vi=-8V to -12V
50
Bias current
Id
Tj=25℃
8.0
mA
Bias current change
△
Id
Vi=-8V to -25V
0.8
mA
Io=5mA to 1A
0.5
mA
Ratio of Change in VREF to
Cathode Voltage
△
Vo/△T
Io=5mA
-0.4
mV/℃
RMS Noise vs. %of VOUT
eN
B=10Hz to 100KHz
Tj=25℃
100
μV
Ripple Rejection
SVR
△
Vi=10V
f=120Hz
54
60
dB
Dropout voltage
Vd
Io=1A
Tj=25℃
△
Vo=100mV
1.4
V
Short Circuit Current Limit
Isc
2.1
A
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com