Electronic Components Datasheet Search
  English  ▼

X  

AS2842 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AS2842
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2842 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AS2842 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AS2842/3/4/5
Current Mode Controller
ASTEC Semiconductor
44
Typical Performance Curves
Regulator Load Regulation
Timing Capacitor vs Oscillator
Frequency
Figure 6
Figure 7
Figure 8
Figure 9
Maximum Duty Cycle Temperature
Stability
Maximum Duty Cycle vs Timing
Resistor
I
SC – Regulator Source Current (mA)
0
–24
–20
–12
–8
–4
0
40
60
100
140
20
80
–16
120
150° C
25° C
–55° C
R
T – Timing Register (kΩ)
0.3
20
40
60
80
100
10
1
3
F
OSC – Oscillator Frequency (kHz)
10
0.1
1
10
100
100
1 M
R
T = 1 kΩ
R
T = 680 Ω
R
T = 4.7 kΩ
R
T = 10 kΩ
R
T = 2.2 kΩ
T
A – Ambient Temperature
–55
40
60
80
100
45
125
50
70
90
–35
–15
5
25
65
85
105
R
T = 1 kΩ
R
T = 680 Ω
R
T = 10 kΩ
R
T = 2.2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com