Electronic Components Datasheet Search
  English  ▼

X  

AS2842 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AS2842
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2842 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AS2842 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ASTEC Semiconductor
Current Mode Controller
AS2842/3/4/5
51
In most typical power supply designs, the
converter’s output voltage is divided down and
monitored at the error amplifier’s inverting input,
VFB. A simple resistor divider network is used and
is scaled such that the voltage at VFB is 2.5 V
when the converter’s output is at the desired
voltage. The voltage at VFB is then compared to
the internal 2.5 V reference and any slight differ-
ence is amplified by the high gain of the error
amplifier. The resulting error amplifier output is
level shifted by two diode drops and is then
divided by three to provide a 0 to 1 V reference
(VE) to one input of the current sense compara-
tor. The level shifting reduces the input voltage
range of the current sense input and prevents the
output from going high when the error amplifier
output is forced to its low state. An internal clamp
limits VE to 1.0 V. The purpose of the clamp is
discussed in Section 1.5.
1.4.1 Loop compensation
Loop compensation of a power supply is neces-
sary to ensure stability and provide good
line/load regulation and dynamic response.
It is normally provided by a compensation
network connected between the error amplifier’s
output (COMP) and inverting input as shown
in Figure 17. The type of network used depends
on the converter topology and in particular, the
characteristics of the major functional blocks
within the supply - i.e. the error amplifier, the
modulator/switching circuit, and the output filter.
In general, the network is designed such that the
converters overall gain/phase response
approaches that of a single pole with a –20 dB/
decade rolloff, crossing unity gain at the highest
possible frequency (up to fSW/4) for good
dynamic response, with adequate phase margin
(> 45
°) to ensure stability.
Figure 18 shows the Gain/Phase response of the
error amplifier. The unity gain crossing is at
1.2 MHz with approximately 57
° C of phase
margin. This information is useful in determining
the configuration and characteristics required for
the compensation network.
One of the simplest types of compensation net-
works is shown in Figure 19. An RC network
provides a single pole which is normally set to
compensate for the zero introduced by the the
output capacitor’s ESR. The frequency of the
pole (fP) is determined by the formula;
ƒ=
ƒƒ
P
1
2
(5)
π RC
Figure 19. A Typical Compensation Network
Frequency (Hz)
102
210
180
150
120
90
60
30
0
–30
–60
240
101
103
104
105
106
107
–20
0
20
40
60
80
Gain
Phase
Figure 18. Gain/Phase Response of the
AS2842
–
+
2.50 V
To PWM
E/A
VOUT
RI
RF
CF
RBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com