Electronic Components Datasheet Search
  English  ▼

X  

TC1211LC Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # TC1211LC
Description  ESD Protection Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

TC1211LC Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  TC1211LC Datasheet HTML 1Page - Chip Integration Technology Corporation TC1211LC Datasheet HTML 2Page - Chip Integration Technology Corporation TC1211LC Datasheet HTML 3Page - Chip Integration Technology Corporation TC1211LC Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
■Rating and characteristic curves
f=1MHz
TA=25°C
0
10
20
40
0
2
4
6
12
8
30
Reverse Voltage, (V)
Fig.5 - Capacitance Between
Terminals Characteristics
Fig.3 - Clamping Voltage Vs.
Peak Pulse Current
Peak Pulse Current, (A)
Fig.4 -
Voltage Vs.
Clamping
Forward
Current
Peak Pulse
Forward
Current, (A)
Peak Pulse
Ambient Temperature, ( °C )
Mounting on glass epoxy PCBs
0
20
40
60
80
100
120
25
50
75
100
150
0
125
Fig.2 - Power Rating Derating Curve
6
0
10
15
20
30
5
3
2
1
0
8/20us waveform
25
4
5
12
0
1
1.5
2
3
0.5
6
4
2
0
8/20us waveform
2.5
8
10
10
50
60
Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
Ta=25°C
Peak Valur Ipp
Test Waveform
parameters
tf=8us
td=20us
e-t
td= t Ipp/2
Fig.1 - 8/20us Peak Pulse Current
Wave Form Acc. IEC 61000-4-5
ESD Protection Device
TC1211LC
Document ID : DS-22V13
Revised Date : 2017/02/13
Revision : C
Chip Integration Technology Corporation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com