Electronic Components Datasheet Search
  English  ▼

X  

TC1211LC Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # TC1211LC
Description  ESD Protection Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

TC1211LC Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  TC1211LC Datasheet HTML 1Page - Chip Integration Technology Corporation TC1211LC Datasheet HTML 2Page - Chip Integration Technology Corporation TC1211LC Datasheet HTML 3Page - Chip Integration Technology Corporation TC1211LC Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Dimensions in inches and (millimeters)
■Features
■ Mechanical data
■Maximum ratings and electrical characteristics
(at TA=25°C unless otherwise noted)
■Outline
ESD Protection Device
TC1211LC
Document ID : DS-22V13
Revised Date : 2017/02/13
Revision : C
SOD-923F
• Case : 0402/SOD-923F standard package,molded plastic.
• Terminals : Gold plated, solderable per MIL-STD-750
Method 2026
• Μarking Code : Cathode band & E2
Uni-directional ESD protection.
•
Surface mount package.
•
Ultra small SMD package:0402.
•
High component density.
•
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.020(0.50)
0.022(0.55)
0.018(0.45)
0.014(0.35)
0.010(0.25)
0.016(0.40)
Symbol
Typ
Parameter
Min
Max
Unit
Junction capacitance
Conditions
Leakage current
IL
uA
60
CT
pF
VR =0V,f =1MHz
1.0
VR = 12V
ESD capability
kV
30
Storage temperature
Operating Junction temperature
+125
°C
TSTG
Tj
°C
+150
-55
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
30
Peak pulse power
Clamping Voltage
19
V
PPP
Vc
120
IPP = 5 A, tp=8/20us
IPP = 1 A, tp=8/20us
Vc
V
24
W
ESD
kV
0.1
-55
Marking code
E5
• Mounting position : Any.
• Weight : 0.001 grams(Approx).
■ Circuit Diagram
Forward voltage
VF
V
IF = 10mA
0.8
Diode breakdown voltage
VBD
V
IR = 1mA
13.3
15.5
17.5
Chip Integration Technology Corporation


Similar Part No. - TC1211LC

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TC1213 TOKEN-TC1213 Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
TC1213-R68N TOKEN-TC1213-R68N Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
TC1213A TOKEN-TC1213A Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
TC1213A-R33N TOKEN-TC1213A-R33N Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
TC1213B TOKEN-TC1213B Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
More results

Similar Description - TC1211LC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP200002 TRIQUINT-TQP200002_15 Datasheet
745Kb / 10P
ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
PESD1524VD FUTUREWAFER-PESD1524VD Datasheet
755Kb / 3P
ESD Protection Device
logo
Micro Commercial Compon...
ESD12VL MCC-ESD12VL Datasheet
1Mb / 4P
ESD Protection Device
ESD24VLB MCC-ESD24VLB Datasheet
719Kb / 4P
ESD Protection Device
ESD12VD3BHE3 MCC-ESD12VD3BHE3 Datasheet
1Mb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD1524D3BHE3A MCC-ESD1524D3BHE3A Datasheet
3Mb / 4P
ESD Protection Device
Rev.3-1-11282022
ESD24VD3BHE3 MCC-ESD24VD3BHE3 Datasheet
1,002Kb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD36VD3BHE3 MCC-ESD36VD3BHE3 Datasheet
944Kb / 4P
ESD Protection Device
Rev.3-1-12022022
logo
Nexperia B.V. All right...
PESD12VL1BSL NEXPERIA-PESD12VL1BSL Datasheet
225Kb / 11P
ESD protection device
3 September 2021
PESD7V0L1BSL NEXPERIA-PESD7V0L1BSL Datasheet
224Kb / 11P
ESD protection device
3 September 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com