Electronic Components Datasheet Search
  English  ▼

X  

AD9267 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9267
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9267 Datasheet HTML 9Page - Analog Devices AD9267 Datasheet HTML 10Page - Analog Devices AD9267 Datasheet HTML 11Page - Analog Devices AD9267 Datasheet HTML 12Page - Analog Devices AD9267 Datasheet HTML 13Page - Analog Devices AD9267 Datasheet HTML 14Page - Analog Devices AD9267 Datasheet HTML 15Page - Analog Devices AD9267 Datasheet HTML 16Page - Analog Devices AD9267 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD9267
Rev. 0 | Page 12 of 24
EQUIVALENT CIRCUITS
2V p-p DIFFERENTIAL
1.8V CM
500
Ω
500
Ω
Figure 20. Equivalent Analog Input Circuit
CVDD
CLK+
10k
Ω
10k
Ω
90k
Ω
30k
Ω
CVDD
CLK–
Figure 21. Equivalent Clock Input Circuit
SDIO
1k
Ω
DRVDD
Figure 22. Equivalent SDIO Input Circuit
SCLK
30k
Ω
1k
Ω
Figure 23. Equivalent SCLK Input Circuit
CSB
AVDD
1k
Ω
26k
Ω
Figure 24. Equivalent CSB Input Circuit
DRVDD
DGND
D–
D+
V
V
V
V
NOTES
1. D– AND D+ REFERS TO
THE D0±x TO D3±x PINS.
Figure 25. Equivalent Digital Output Circuit
10k
Ω
2.85k
Ω
8.5k
Ω
3.5k
Ω
0.5V
TO CURRENT
GENERATOR
10µF
Figure 26. Equivalent VREF Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com