Electronic Components Datasheet Search
  English  ▼

X  

AD9267 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9267
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9267 Datasheet HTML 17Page - Analog Devices AD9267 Datasheet HTML 18Page - Analog Devices AD9267 Datasheet HTML 19Page - Analog Devices AD9267 Datasheet HTML 20Page - Analog Devices AD9267 Datasheet HTML 21Page - Analog Devices AD9267 Datasheet HTML 22Page - Analog Devices AD9267 Datasheet HTML 23Page - Analog Devices AD9267 Datasheet HTML 24Page - Analog Devices AD9267 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AD9267
Rev. 0 | Page 20 of 24
HARDWARE INTERFACE
The pins described in Table 13 comprise the physical interface
between the programming device of the user and the serial port
of the AD9267. The SCLK and CSB pins function as inputs
when using the SPI interface. The SDIO pin is bidirectional,
functioning as an input during write phases and as an output
during readback.
The SPI interface is flexible enough to be controlled by either
PROM or PIC microcontrollers. This provides the user with the
ability to use an alternate method to program the ADC. One
such method is described in detail in the AN-812 Application
Note, MicroController-Based Serial Port Interface (SPI) Boot
Circuit.
When the SPI interface is not used, SCLK/PLLMULT0 and
SDIO/PLLMULT1 serve a dual function. When strapped to
AVDD or ground during device power-on, the pins are
associated with a specific function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com